Electronic Components Datasheet Search
  English  ▼

X  

TLE8110EE Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 9Page - Infineon Technologies AG TLE8110EE Datasheet HTML 10Page - Infineon Technologies AG TLE8110EE Datasheet HTML 11Page - Infineon Technologies AG TLE8110EE Datasheet HTML 12Page - Infineon Technologies AG TLE8110EE Datasheet HTML 13Page - Infineon Technologies AG TLE8110EE Datasheet HTML 14Page - Infineon Technologies AG TLE8110EE Datasheet HTML 15Page - Infineon Technologies AG TLE8110EE Datasheet HTML 16Page - Infineon Technologies AG TLE8110EE Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Data Sheet
13
Rev. 1.0, 2009-06-15
FLEX
Smart Multi-Channel Switch
General Product Characteristics
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Temperatures
4.2.5
Junction Temperature
T
j
-40
150
°C-
4.2.6
Junction Temperature
T
j
-40
175
°C
1) for 100hrs
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Soldering Point
R
thJSP
-
1.753.60K/W
Pvtot = 3W1)2)3)
1) Not subject to production test, specified by design.
2) Homogenous power distrubution over all channels (All Power stages equally heated), dependent on cooling set-up
3)
refer to Figure 5
4.3.2
Junction to Ambient
R
thJA
-
25.00
-
K/W
Pvtot = 3W
1)2)3)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com