Electronic Components Datasheet Search
  English  ▼

X  

TLE8110EE Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 10Page - Infineon Technologies AG TLE8110EE Datasheet HTML 11Page - Infineon Technologies AG TLE8110EE Datasheet HTML 12Page - Infineon Technologies AG TLE8110EE Datasheet HTML 13Page - Infineon Technologies AG TLE8110EE Datasheet HTML 14Page - Infineon Technologies AG TLE8110EE Datasheet HTML 15Page - Infineon Technologies AG TLE8110EE Datasheet HTML 16Page - Infineon Technologies AG TLE8110EE Datasheet HTML 17Page - Infineon Technologies AG TLE8110EE Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
FLEX
Smart Multi-Channel Switch
General Product Characteristics
Data Sheet
14
Rev. 1.0, 2009-06-15
Figure 5
PG-DSO-36-41 PCB set-up
P_DSO_36_41_PCB.vsd
70µm modeled (traces)
35µm, 90% metalization
35µm, 90% metalization
70µm, 5% metalization
Dimensions: 76.2 x 114.3 x 1.5 mm³ , FR4
Metalization : JEDEC 2s2p (JESD 51-7) + (JESD 51-5)
Thermal Vias: Diameter 0.3 mm; plating 25 µm; 24 pcs. for PG-DSO-36-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com