Electronic Components Datasheet Search
  English  ▼

X  

TLE8110EE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 18Page - Infineon Technologies AG TLE8110EE Datasheet HTML 19Page - Infineon Technologies AG TLE8110EE Datasheet HTML 20Page - Infineon Technologies AG TLE8110EE Datasheet HTML 21Page - Infineon Technologies AG TLE8110EE Datasheet HTML 22Page - Infineon Technologies AG TLE8110EE Datasheet HTML 23Page - Infineon Technologies AG TLE8110EE Datasheet HTML 24Page - Infineon Technologies AG TLE8110EE Datasheet HTML 25Page - Infineon Technologies AG TLE8110EE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
FLEX
Smart Multi-Channel Switch
Power Outputs
Data Sheet
22
Rev. 1.0, 2009-06-15
7.3
Electrical Characteristics Power Outputs
Electrical Characteristics: Diagnostics
3V <
V
CC < 5.5V; 4.5V < VDD < 5.5V; Vbatt = 13.5V, Tj = -40 °C to +150 °C, all voltages with respect to ground,
positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Channel Resistance
7.3.1
On State Resistance CH1 to 4
R
DSon
-0.3
-Ohm
I
Dnom=1,5A;
Tj=25°C1)
-
0.45
0.6
Ohm
I
Dnom=1,5A;
Tj=150°C
7.3.2
On State Resistance CH 5 to 6
R
DSon
-
0.25
-
Ohm
I
Dnom=1.7A;
Tj=25°C1)
-
0.35
0.5
Ohm
I
Dnom=1.7A;
Tj=150°C
7.3.3
On State Resistance CH7 to 10
R
DSon
-0.6
-Ohm
I
Dnom=0.75A;
Tj=25°C1)
-
0.85
1.2
Ohm
I
Dnom=0.75A;
Tj=150°C
Clamping Energy
Channel 1-4
7.3.4
Maximum Energy Dissipation per
Channel. Repetitive Pulses.
Operating Mode
600Mio. pulses over life time.
Or Item 7.3.5
E
AR
--
15
mJ
ID = 1.25A
Tj=145°C
1)
7.3.5
Maximum Energy Dissipation per
Channel. Repetitive Pulses.
Operating Mode
600Mio. pulses over life time.
E
AR
--
21
mJ
ID = 0.87A
Tj=145°C
1)
7.3.6
Maximum Energy Dissipation per
Channel. Repetitive Pulses.
Cold Operation:
0.5Mio. pulses over life time
cumulated. Or Item 7.3.7
E
AR
--
25
mJ
ID = 1.73A
Tj=-20°C
1)
7.3.7
Maximum Energy Dissipation per
Channel. Repetitive Pulses.
Cold Operation
3Mio. pulses over life time
cumulated.
E
AR
--
20
mJ
ID = 0.87A
Tj=-20°C
1)
7.3.8
Maximum Energy Dissipation per
Channel. Repetitive Pulses.
Generator Defect
300k pulses over life time
cumulated. Or Item 7.3.9
E
AR
--
18
mJ
ID =1.45A
Tj=150°C
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com