Electronic Components Datasheet Search
  English  ▼

X  

HMC968 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC968
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC968 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC968 Datasheet HTML 1Page - Hittite Microwave Corporation HMC968 Datasheet HTML 2Page - Hittite Microwave Corporation HMC968 Datasheet HTML 3Page - Hittite Microwave Corporation HMC968 Datasheet HTML 4Page - Hittite Microwave Corporation HMC968 Datasheet HTML 5Page - Hittite Microwave Corporation HMC968 Datasheet HTML 6Page - Hittite Microwave Corporation HMC968 Datasheet HTML 7Page - Hittite Microwave Corporation HMC968 Datasheet HTML 8Page - Hittite Microwave Corporation HMC968 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
3 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
25
30
35
40
45
37
38
39
40
5.0V
5.5V
6.0V
FREQUENCY (GHz)
0
10
20
30
40
50
60
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)
HMC968
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 37 - 40 GHz
Power Compression @ 38 GHz
Power Compression @ 39 GHz
Output IP3 vs.
Supply Voltage, Pout/Tone = +20 dBm
Output IM3 @ Vdd = +5.5V
Output IM3 @ Vdd = +6V
Output IM3 @ Vdd = +5V
0
5
10
15
20
25
30
35
40
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
40
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com