Electronic Components Datasheet Search
  English  ▼

X  

HMC968 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC968
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC968 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC968 Datasheet HTML 2Page - Hittite Microwave Corporation HMC968 Datasheet HTML 3Page - Hittite Microwave Corporation HMC968 Datasheet HTML 4Page - Hittite Microwave Corporation HMC968 Datasheet HTML 5Page - Hittite Microwave Corporation HMC968 Datasheet HTML 6Page - Hittite Microwave Corporation HMC968 Datasheet HTML 7Page - Hittite Microwave Corporation HMC968 Datasheet HTML 8Page - Hittite Microwave Corporation HMC968 Datasheet HTML 9Page - Hittite Microwave Corporation HMC968 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3
3 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Application Circuit 1
HMC968
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 37 - 40 GHz
pad number
function
Description
interface schematic
1
rfin
This pad is AC coupled and matched to 50 ohms.
2, 6
Vgg1
Gate control for amplifier. external bypass
capacitors of 100 pf, 0.01 µf, and 4.7 µf are
required on the pad that is used.
3, 5
Vdd1, Vdd2
Drain bias voltage for amplifier. external bypass capacitors
of 100 pf, 0.01 µf and 4.7 µf are required on each pad.
4
rfoUT
This pad is AC coupled and matched to 50 ohms.
Die Bottom
GnD
Die bottom must be connected to rf/DC ground.
Pad Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com