Electronic Components Datasheet Search
  English  ▼

X  

HMC968 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC968
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC968 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC968 Datasheet HTML 1Page - Hittite Microwave Corporation HMC968 Datasheet HTML 2Page - Hittite Microwave Corporation HMC968 Datasheet HTML 3Page - Hittite Microwave Corporation HMC968 Datasheet HTML 4Page - Hittite Microwave Corporation HMC968 Datasheet HTML 5Page - Hittite Microwave Corporation HMC968 Datasheet HTML 6Page - Hittite Microwave Corporation HMC968 Datasheet HTML 7Page - Hittite Microwave Corporation HMC968 Datasheet HTML 8Page - Hittite Microwave Corporation HMC968 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
3 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC968
v00.1210
General Description
Features
Functional Diagram
The hmC968 is a 4 stage GaAs phemT mmiC 1
watt power Amplifier which operates between 40 and
43.5 Ghz. The hmC968 provides 21 dB of gain, +32
dBm of saturated output power, and 15% pAe from
a +6V supply. with a very good ip3 performance of
+38 dBm, the hmC968 is ideal for linear applications
including point-to-point and point-to-multi-point ra-
dios. All data is taken with the chip in a 50 ohm test
fixture connected via (2) 0.025 mm (1 mil) diameter
wire bonds of 0.31 mm (12 mil) length.
saturated output power: +32 dBm @ 15% pAe
high output ip3: +38 dBm
high Gain: 21 dB
DC supply: +6V @ 900 mA
no external matching required
Die size: 2.76 x 2.33 x 0.1 mm
Electrical Specifications
T
A = +25° C, Vdd = Vdd1 = Vdd2 = Vdd3 = Vdd4 = Vdd5 = +6V, Idd = 900 mA
[1]
Typical Applications
The hmC968 is ideal for:
• point-to-point radios
• point-to-multi-point radios
• VsAT & sATCom
• military & space
parameter
min.
Typ.
max.
Units
frequency range
37 - 40
Ghz
Gain
19
22
dB
Gain Variation over Temperature
0.03
dB/ °C
input return loss
17
dB
output return loss
14
dB
output power for 1 dB Compression (p1dB)
30.5
dBm
saturated output power (psat)
32
dBm
output Third order intercept (ip3)[2]
38
dBm
Total supply Current (idd)
900
mA
[1] Adjust Vgg between -2 to 0V to achieve idd = 900 mA typical.
[2] measurement taken at +6V @ 900 mA, pout / Tone = +20 dBm
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 37 - 40 GHz


Similar Part No. - HMC968

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC968 HITTITE-HMC968 Datasheet
814Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
logo
Analog Devices
HMC968 AD-HMC968 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
More results

Similar Description - HMC968

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
37-40 GHz GaAs MMIC Power Amplifier
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
37-40 GHz 1 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH473 HITTITE-HMC-APH473 Datasheet
208Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC7229LS6 HITTITE-HMC7229LS6 Datasheet
552Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com