Electronic Components Datasheet Search
  English  ▼

X  

HMC968 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC968
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC968 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC968 Datasheet HTML 1Page - Hittite Microwave Corporation HMC968 Datasheet HTML 2Page - Hittite Microwave Corporation HMC968 Datasheet HTML 3Page - Hittite Microwave Corporation HMC968 Datasheet HTML 4Page - Hittite Microwave Corporation HMC968 Datasheet HTML 5Page - Hittite Microwave Corporation HMC968 Datasheet HTML 6Page - Hittite Microwave Corporation HMC968 Datasheet HTML 7Page - Hittite Microwave Corporation HMC968 Datasheet HTML 8Page - Hittite Microwave Corporation HMC968 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
3 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Output IP3 vs.
Supply Current, Pout/Tone = +20 dBm
Output IP3 vs.
Temperature, Pout/Tone = +20 dBm
Psat vs. Supply Current (Idd)
P1dB vs. Supply Current (Idd)
HMC968
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 37 - 40 GHz
24
26
28
30
32
34
36
37
38
39
40
800mA
900mA
1000mA
FREQUENCY (GHz)
25
30
35
40
45
37
38
39
40
+25C
+85C
-55C
FREQUENCY (GHz)
24
26
28
30
32
34
36
37
38
39
40
800mA
900mA
1000mA
FREQUENCY (GHz)
25
30
35
40
45
37
38
39
40
800mA
900mA
1000mA
FREQUENCY (GHz)
Psat vs. Temperature
Psat vs. Supply Voltage
24
26
28
30
32
34
36
37
38
39
40
+25C
+85C
-55C
FREQUENCY (GHz)
24
26
28
30
32
34
36
37
38
39
40
5.0V
5.5V
6.0V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com