Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 5 Page - Advanced Semiconductor

Part # BLF278
Description  VHF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF278 Datasheet(HTML) 5 Page - Advanced Semiconductor

  BLF278 Datasheet HTML 1Page - Advanced Semiconductor BLF278 Datasheet HTML 2Page - Advanced Semiconductor BLF278 Datasheet HTML 3Page - Advanced Semiconductor BLF278 Datasheet HTML 4Page - Advanced Semiconductor BLF278 Datasheet HTML 5Page - Advanced Semiconductor BLF278 Datasheet HTML 6Page - Advanced Semiconductor BLF278 Datasheet HTML 7Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
5/7
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
BLF278
ASI RF DEVICES
!
!
BLF278
(Each side)
!
!
S PARAMETERS
!
!
VDS=50V, IDQ=400mA
!
# MHZ S MA R 50
! Freq=Mhz Mag[s11] Ang[s11] Mag[s21] Ang[s21] Mag[s12] Ang[s12] Mag[s22] Ang[s22]
10.0000
0.83747 -151.063
27.3956
94.1661
0.01705
8.72886
0.58986 -142.841
15.0000
0.84031 -158.633
18.7280
85.9160
0.01628 -0.96378
0.60251 -150.026
20.0000
0.84723 -162.908
13.8120
79.8023
0.01616 -5.92879
0.62064 -153.163
25.0000
0.85287 -165.197
10.8614
74.7640
0.01559 -12.5836
0.64215 -154.551
30.0000
0.86258 -166.662
8.80371
70.1601
0.01546 -14.0670
0.66315 -155.623
35.0000
0.87300 -167.708
7.31926
66.2638
0.01422 -15.2201
0.68657 -156.454
40.0000
0.87885 -168.313
6.20180
62.4688
0.01355 -21.7797
0.71127 -156.911
45.0000
0.88779 -168.889
5.33086
59.0794
0.01310 -22.1195
0.73435 -157.702
50.0000
0.89448 -169.583
4.62723
55.9900
0.01266 -23.4078
0.75375 -158.189
55.0000
0.90299 -170.078
4.04324
53.3573
0.01120 -24.5177
0.77229 -158.969
60.0000
0.90882 -170.598
3.57797
50.8563
0.01064 -28.1139
0.79081 -159.728
65.0000
0.91539 -170.945
3.17462
48.6080
0.01003 -27.6968
0.80771 -160.420
70.0000
0.92222 -171.452
2.83402
46.2563
0.00986 -29.2237
0.82084 -160.996
75.0000
0.92639 -171.760
2.54871
44.4224
0.00850 -28.0810
0.83260 -161.649
80.0000
0.93150 -171.996
2.30691
42.6712
0.00817 -32.6804
0.85175 -162.239
85.0000
0.93589 -172.523
2.09657
40.9265
0.00775 -31.0442
0.85892 -163.014
90.0000
0.94214 -172.742
1.90687
39.4646
0.00770 -29.1611
0.86738 -163.709
95.0000
0.94487 -173.065
1.74744
38.0245
0.00655 -26.9029
0.87574 -164.155
100.000
0.94613 -173.318
1.60882
36.9997
0.00624 -26.4073
0.88477 -164.816
115.000
0.95430 -174.193
1.27120
33.7465
0.00494 -22.0092
0.90443 -166.111
130.000
0.96370 -174.772
1.03082
31.0149
0.00405 -8.62124
0.91904 -167.411
145.000
0.96577 -175.445
0.85053
28.5008
0.00345
15.2775
0.93060 -168.612
160.000
0.97354 -176.090
0.71706
26.9099
0.00406
18.2489
0.94317 -169.671
175.000
0.97232 -176.684
0.60905
24.9097
0.00396
34.6921
0.94921 -170.411
190.000
0.97373 -176.941
0.52601
23.6811
0.00442
60.9895
0.95349 -171.191
205.000
0.97665 -177.305
0.45427
22.8048
0.00512
67.5609
0.96082 -171.773
220.000
0.98025 -177.663
0.39996
22.0539
0.00648
73.2592
0.96150 -172.405
235.000
0.98177 -178.142
0.35799
21.1790
0.00691
76.8913
0.96810 -172.973
250.000
0.98017 -178.354
0.31865
20.4965
0.00758
81.4188
0.97058 -173.557
265.000
0.98152 -178.702
0.28756
20.6230
0.00858
83.5928
0.97094 -173.979
280.000
0.98349 -178.836
0.26320
19.8483
0.00980
86.7674
0.97233 -174.400
295.000
0.98441 -179.154
0.23858
19.3588
0.01042
86.3890
0.97668 -174.574
310.000
0.98361 -179.471
0.21519
19.1929
0.01098
89.5518
0.97479 -175.077
325.000
0.98561 -179.718
0.19819
18.4377
0.01229
91.7969
0.97746 -175.505
340.000
0.98501 -179.869
0.18099
19.6530
0.01308
92.2737
0.97940 -175.953
355.000
0.98692
179.859
0.16810
18.6449
0.01349
91.3383
0.98188 -175.897
370.000
0.98555
179.752
0.16137
20.5312
0.01418
91.9241
0.98041 -176.189
385.000
0.98822
179.511
0.15027
19.7641
0.01560
92.4536
0.98073 -176.588
400.000
0.98829
179.336
0.13766
20.8798
0.01620
92.0722
0.98261 -176.808
415.000
0.98773
179.166
0.12974
19.0245
0.01724
93.8917
0.98610 -177.114
430.000
0.98886
178.743
0.11997
19.9215
0.01812
94.8087
0.98610 -177.171
445.000
0.98952
178.735
0.11662
19.8737
0.01928
93.0825
0.98659 -177.573
460.000
0.99223
178.652
0.10659
20.2039
0.02015
93.6649
0.98513 -177.605
475.000
0.99217
178.525
0.10291
22.3386
0.02032
93.8780
0.98815 -177.706
490.000
0.99093
178.328
0.09499
23.5854
0.02087
95.3520
0.98734 -178.180



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com