Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 7 Page - Advanced Semiconductor

Part # BLF278
Description  VHF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF278 Datasheet(HTML) 7 Page - Advanced Semiconductor

  BLF278 Datasheet HTML 1Page - Advanced Semiconductor BLF278 Datasheet HTML 2Page - Advanced Semiconductor BLF278 Datasheet HTML 3Page - Advanced Semiconductor BLF278 Datasheet HTML 4Page - Advanced Semiconductor BLF278 Datasheet HTML 5Page - Advanced Semiconductor BLF278 Datasheet HTML 6Page - Advanced Semiconductor BLF278 Datasheet HTML 7Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
7/7
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
BLF278
BIASING ASI RF TRANSISTORS
ASI RF Mosfets are enhancement mode devices. In order to cause drain current to flow, positive
voltage of about 3 V needs to be applied to the Gate terminal. The higher the gate voltage applied the
higher the drain current. The Mosfet transistor drain current will change with temperature. As the
temperature goes up, so will the drain current. In order to prevent a runway situation, the gate voltage
needs to have negative temperature coefficient. The following circuit describes a means to achieve
a –2mv/ °C coefficient at the gate terminal.
•
The temperature coefficient of a 6.8V zener is about + 2mv/ °C and the diode is about –2mv/ °C
•
The gate of a transistor draws no current, so there is no current flow in R4. R4 is used as a RF isolation
resistor.
•
R1 is adjusted to cause about 10ma of current flow into the circuit.
•
R2 and R3 can be a potentiometer to adjust for the desired gate voltage. The total value of R2 and R3
should be high enough so that the current drawn in R2 and R3 is substantially less than 10ma.
Recommend around 2ma.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com