Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF278
Description  VHF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF278 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF278 Datasheet HTML 1Page - Advanced Semiconductor BLF278 Datasheet HTML 2Page - Advanced Semiconductor BLF278 Datasheet HTML 3Page - Advanced Semiconductor BLF278 Datasheet HTML 4Page - Advanced Semiconductor BLF278 Datasheet HTML 5Page - Advanced Semiconductor BLF278 Datasheet HTML 6Page - Advanced Semiconductor BLF278 Datasheet HTML 7Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/7
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVDSS
ID = 100 mA
125
V
IDSS
VDS = 50 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
VGS(th)
ID = 100 mA
VDS = 10 V
1.0
5.0
V
VDS(on)
ID = 10 A
VGS = 10 V
5
V
gfs
ID = 5.0 A
VDS = 10 V
5.0
mhos
Ciss
Coss
Crss
VDS = 50 V
VGS = 0 V
f = 1.0 MHz
350
250
15
pF
Gps
ηηηη
VDD = 50 V
IDQ = 500 mA
Pout = 300 W
f = 175 MHz
14
50
16
55
dB
%
ψ
ψ
ψ
ψ
VSWR = 5:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
VHF POWER MOSFET
PACKAGE STYLE .385X.850 4LFG
1 & 2 = DRAIN
3 & 4 = GATE
5 = SOURCE
BLF278
DESCRIPTION:
The
ASI BLF278 is a Dual Common
Source N-Channel Enhancement-
Mode MOSFET
RF Power Transistor, Designed for
175 MHz, 300 W Transmitter and
Amplifier Applications.
MAXIMUM RATINGS
ID
40 A
VDSS
125 V
VGS
±40 V
PDISS
500 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
0.35
OC/W


Similar Part No. - BLF278

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF278 PHILIPS-BLF278 Datasheet
179Kb / 21P
VHF push-pull power MOS transistor
1996 Oct 21
logo
New Jersey Semi-Conduct...
BLF278 NJSEMI-BLF278 Datasheet
129Kb / 3P
VHP push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF278 JMNIC-BLF278_15 Datasheet
141Kb / 21P
VHF push-pull power MOS transistor
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
VHF push-pull power MOS transistor
More results

Similar Description - BLF278

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF145 ASI-BLF145 Datasheet
21Kb / 1P
VHF POWER MOSFET
BLF246 ASI-BLF246 Datasheet
21Kb / 1P
VHF POWER MOSFET
REV. A
BLF248 ASI-BLF248 Datasheet
22Kb / 1P
VHF POWER MOSFET
REV. A
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
VHF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com