Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 6 Page - Advanced Semiconductor

Part # BLF278
Description  VHF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF278 Datasheet(HTML) 6 Page - Advanced Semiconductor

  BLF278 Datasheet HTML 1Page - Advanced Semiconductor BLF278 Datasheet HTML 2Page - Advanced Semiconductor BLF278 Datasheet HTML 3Page - Advanced Semiconductor BLF278 Datasheet HTML 4Page - Advanced Semiconductor BLF278 Datasheet HTML 5Page - Advanced Semiconductor BLF278 Datasheet HTML 6Page - Advanced Semiconductor BLF278 Datasheet HTML 7Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
6/7
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
BLF278
505.000
0.98904
177.900
0.09288
24.3178
0.02253
95.5649
0.98953 -178.261
520.000
0.98753
177.826
0.08876
24.1062
0.02288
95.4464
0.98714 -178.215
535.000
0.98584
177.697
0.08378
27.3328
0.02415
97.1222
0.99400 -178.628
550.000
0.99250
177.572
0.08247
29.3983
0.02494
96.0530
0.99166 -178.778
565.000
0.99413
177.257
0.07822
27.2453
0.02571
97.8381
0.99387 -178.902
580.000
0.99245
177.031
0.07467
27.8200
0.02530
97.2712
0.98799 -179.373
595.000
0.98715
176.735
0.07101
32.0492
0.02706
96.9025
0.98797 -179.626
610.000
0.98797
176.550
0.06786
31.2308
0.02796
96.6285
0.98858 -179.785
625.000
0.98881
176.455
0.06254
32.4249
0.02841
97.4609
0.99071 -179.900
640.000
0.98908
176.285
0.06360
36.9496
0.02939
97.4627
0.98654 -179.575
655.000
0.98753
176.016
0.06277
37.0072
0.02935
98.2586
0.98868 -179.929
670.000
0.98643
175.910
0.06004
40.0063
0.03090
98.6724
0.99076
179.932
685.000
0.98840
175.782
0.06111
37.8170
0.03147
99.1738
0.98962
179.695
700.000
0.98846
175.800
0.05886
44.3227
0.03158
100.273
0.99068
179.587
710.000
0.98530
175.570
0.05697
43.3396
0.03291
100.088
0.99163
179.411
! Unit: BLF278
! S1E 1+1Die in an AR pkg.
!
! Meas: 110L#24
! Vds=50Vdc, Idq=400ma, Vgsth=4.10Vdc, wafer=00712-17
!
SPICE MODEL
*HIGH POWER, HIGH FREQUENCY, RF N-CHANNEL VERTICAL DMOS MOSFET
*TO GENERATE S PARAMETER MATCHING DATA SHHET, SET VG = 4.3 V FOR IDQ = 455 Ma
*MODEL APPLICABLE FOR BLF278
*NOTE:- HP/EESOF USES ‘GATE DRAIN SOURCE’ ORDER
*
( ;D
G
S)
.SUBCKT BLF278/PF
20
10
30
LG
10
11
0.29n
RGATE
11
12
0.73
CG
10
30
0.01P
CRSS
12
17
15.3P
CISS
12
14
490P
LS
14
30
0.2N
CS
14
30
0.02P
LD
17
20
0.1N
CD
20
30
2.9P
R_RC
16
17
2.2
C_RC
14
16
31.2P
MOS
13
12
14
14 BLF278 MOS L = 1.1 U W = 0.778 ;D G S B LEVEL1
JFET
17
14
13
BLF278 JF
;D G S
DBODY
14
17
BLF278 DB
;P N
MODEL BLF278 MOS
NMOS
(VTO =4 KP = 0.9 E-5 LAMBDA = 0.15 RD = 0.065 RS = 0.07)
MODEL BLF278 JF
NJF
(VTO = 6.8 BETA = 1 LAMBDA =1)
MODEL BLF278 DB
D
(CJO = 1100 P RS = 0.25 VJ = 0.6 M = 0.4 BV = 13)
ENDS
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com