Electronic Components Datasheet Search
  English  ▼

X  

LA1235 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA1235
Description  FM IF System Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1235 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1235 Datasheet HTML 4Page - Sanyo Semicon Device LA1235 Datasheet HTML 5Page - Sanyo Semicon Device LA1235 Datasheet HTML 6Page - Sanyo Semicon Device LA1235 Datasheet HTML 7Page - Sanyo Semicon Device LA1235 Datasheet HTML 8Page - Sanyo Semicon Device LA1235 Datasheet HTML 9Page - Sanyo Semicon Device LA1235 Datasheet HTML 10Page - Sanyo Semicon Device LA1235 Datasheet HTML 11Page - Sanyo Semicon Device LA1235 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LA1235
No.873-8/12
Coil specifications
Supplier
Sumida
Coil name
235S01
SNY-074-1919A
Damping resistance
Remarks
Containing fixed inductance 26µF.
Containing fixed inductance 26µF.
(Improvement in temperature characteristic).
R211
R212
4.7k
Ω
7.5k
Ω
3.3k
Ω
2.4k
Ω
Toko
Q228CEL-1077B
Containing fixed inductance
13k
Ω
3.0k
Ω
V12 – ∆f
V7 to 10 – ∆f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com