Electronic Components Datasheet Search
  English  ▼

X  

LA1235 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA1235
Description  FM IF System Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1235 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1235 Datasheet HTML 3Page - Sanyo Semicon Device LA1235 Datasheet HTML 4Page - Sanyo Semicon Device LA1235 Datasheet HTML 5Page - Sanyo Semicon Device LA1235 Datasheet HTML 6Page - Sanyo Semicon Device LA1235 Datasheet HTML 7Page - Sanyo Semicon Device LA1235 Datasheet HTML 8Page - Sanyo Semicon Device LA1235 Datasheet HTML 9Page - Sanyo Semicon Device LA1235 Datasheet HTML 10Page - Sanyo Semicon Device LA1235 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LA1235
No.873-7/12
Description of external parts
Part
No.
R201 Input resistance (Rg)
R202
R203
R204
R205
S meter adjust
Muting sensitivity adjust
Hysterisis adjunt
Large hysteresis.
Small hysteresis.
Current drain increases.
(Observe max. rating).
Muting sensitivity shifts to weak input
side.
R206
Muting drive circuit load Insufficient drive of detuning muting.
When driveing muting of LA3390
(MPX), make less than 200k
Ω to
prevent malfunction.
R207
Muting time constant
Abnormal detuning muting
attenuation waveform and abnormal
sound at the time of low frequency
modulation.
Muting response delay.
R208
IF-off voltage applying
resistnace
Large flow-in current at pin 5
(Observe max. rating).
IF-off does not occur.
(IF-off voltage
≥7.5V).
R209
R210
AFC, detuning muting
band width, tuning meter
deflection adjust
Large detuning muting bandwidth.
Small detuning muting bandwidth.
R211 Detection coil damping
Small detection output.
R212
S curve linearity
correction
Find such a value as to cause minimum distortion (THD).
C101
C102
C103
IF amplifier bypass
Unstable IF amplifier.
C104 S meter output bypass
IF system may be unstable.
C105
C106
Muting drive output
bypass
If low frequency AM compoent is
generated in IF signal, weak signal
muting flutters.
Muting response delay.
C107
C108
Muting drive output
smooth
Abnormal detuning muting
attenuation waveform and abnormal
sound at the time of low frequency
modulation.
Muting response delay.
C109
AF output LPF
Unstable IF system.
With MPX connected, separation
worsens.
C110
AFC output LPF
Muting attenuation worsens and
detuning muting bandwidth narrows.
Detunig muting response delay.
C111
C112
Constant voltage circuit
smooth
S/N, muting attenuation worsen.
C113 Power supply bypass
Unstable IF system.
L1
Power supply choke
Unstable IF system.
Large detection output.
S meter pointer is off zero point.
(In case of voltage drive type).
Function
Effect
If decreased
Causes matching wigh circuit of preceding stage.
If increased
Proper cares in using IC
• Connect the ground side of bypass capacitors of pins 2, 3 to an area close to pin 4.
• Connect the ground side of bypass capacitors of pins 6, 7, 10, 13, 16 to an area close to pin 14.
• Use the shortest possible wires for detection coil-to-pins 8, 9, 10 connection.
• Pin 13, being used for signal meter drive output, can be also used multipath detection because IF signal envelope
detected is output at this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com