Electronic Components Datasheet Search
  English  ▼

X  

LA1235 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA1235
Description  FM IF System Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1235 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1235 Datasheet HTML 1Page - Sanyo Semicon Device LA1235 Datasheet HTML 2Page - Sanyo Semicon Device LA1235 Datasheet HTML 3Page - Sanyo Semicon Device LA1235 Datasheet HTML 4Page - Sanyo Semicon Device LA1235 Datasheet HTML 5Page - Sanyo Semicon Device LA1235 Datasheet HTML 6Page - Sanyo Semicon Device LA1235 Datasheet HTML 7Page - Sanyo Semicon Device LA1235 Datasheet HTML 8Page - Sanyo Semicon Device LA1235 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LA1235
Ordering number : EN873F
FM IF System Applications
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O2097HA (KT)/63095HA (KOTO) /O076AT/8044KI, TS/4241KI/3091KI No.873-1/12
Overview
The LA1235 is a high integrated IC developed for use in
high S/N, low distortion FM IF system applications. This
IC features S/N=88dB, distortion factor=0.015% and has
almost all functions required for FM tuner IF stage.
The IF amplifier and limiter stage consist of 6 stages of
double ended differential amplifier having an excellent
AMR, and this stage is followd by the signal meter driver
which consists of 4 stages of level detector, thereby
creating extended linearity up to strong input. The FM
detector stage consists of a double balanced quadrature
detector to which a low frequency preamplifire and a
muting controller are attached. The muting drive stage
consists of an OR circuit for weak signal muting drive
output which detects signal intensity and detuning muting
drive output which detects S curve DC output and enables
the prevention of noise at the time of weak signal and
detuning. Further, the weak signal muting drive output
circuit contains a Schmitt circuit having hysteresis and
enables the prevention of muting malfunction due to
amplitude component at the time of weak signal. The AFC
output and tuning meter drive stage is of current drive type
which makes it possible to adjust AFC sensitivity and
muting band width by means of an external resistor, and
the built-in tuning meter null (short) circuit foreces the
tuning meter to be [0] when th IF amplifier stops working.
The IF amplifier stop circuit, being a circuit to stop the FM
IF amlifier at the time of AM reception, makes it possible
to decrease shock noise due to FM-AM receiving mode
switchover.
Package Dimensions
unit: mm
3006B-DIP16
[LA1235]
SANYO: DIP16
Functions
• IF amplifier, Limiter.
• Quadrature detection.
• AF preamplifier.
• Signal intesity muting drive output.
• Detuning muting drive output.
• AF signal muting circuit.
• Signal meter drive output.
• AFC, tuning meter drive output.
• IF amplifier stop circuit.
• Tunig meter null circuit.
Features
• High S/N (88dB typ.).
• Low distortion (0.015% typ.).
• Weak signal muting dirve output having hysteresis.
• Tuning mete null (short) circuit.
• Signal meter dirve output having wide dynamic range.
• High limiting sensitivity.
• Built-in constant-voltage regulated circuit (Operating
voltage : 10 to 14V).


Similar Part No. - LA1235

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1230 SANYO-LA1230 Datasheet
248Kb / 2P
Monolithic Linear Integrated Circuit FM IF SYSTEM
LA1231 SANYO-LA1231 Datasheet
665Kb / 8P
FM IF System
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
FM IF System
LA1231N SANYO-LA1231N Datasheet
104Kb / 1P
FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
More results

Similar Description - LA1235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
FM IF System
May 1999
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
FM IF System
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
FM IF System
October 2002
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
logo
Unisonic Technologies
ULA1235 UTC-ULA1235 Datasheet
286Kb / 5P
FM IF SYSTEM APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com