Electronic Components Datasheet Search
  English  ▼

X  

LA1235 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1235
Description  FM IF System Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1235 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1235 Datasheet HTML 1Page - Sanyo Semicon Device LA1235 Datasheet HTML 2Page - Sanyo Semicon Device LA1235 Datasheet HTML 3Page - Sanyo Semicon Device LA1235 Datasheet HTML 4Page - Sanyo Semicon Device LA1235 Datasheet HTML 5Page - Sanyo Semicon Device LA1235 Datasheet HTML 6Page - Sanyo Semicon Device LA1235 Datasheet HTML 7Page - Sanyo Semicon Device LA1235 Datasheet HTML 8Page - Sanyo Semicon Device LA1235 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LA1235
No.873-4/12
• Setting of muting sensitivity, hysteresis width (Refer to the
equivalent circuit block diagram and application circuit).
Muting sensitivity and hysteresis width are set arbitarily by
varying resistors R204 and R205 connected to pins 15 and 16,
respectively. Muting sensitivity is set by varying R204 ; and
if R204 is made larger, muting sensitivity will shift to the
weak signal side. Hysteresis width is set by varying R205 ;
and if R205 is made larger, hysteresis width will narrow.
Next, how to set muting sensitivity is concretely described as
follows. In case of using R204=50kΩ (semifixed resistor)
and R205=56kΩ, the upper limit of current I16, 50µ A,
delivered from the signal meter driver at which muting is
turned ON is obtained from the first quadrant of Table for
muting adjustable lower limit calculation. Muting is turned
ON at I16≤50µA. If I16≤50µA, muting is already turned ON
at a point of input being stronger than the setting input and it
is impossible to adjust muting at the setting input. Therefore,
I16>50µA is required at the setting input. The input at which
a sample with a small I16 output meets 50µA is obtained as
VIN=47dBµ. This input is the maximum value of muting
sensitivity, that is to say, the lower limit at with muting can
be set. The data for sample with a Small I16 shown in this
Table is colose to the minimum value, but since samples
with values less than this munimum value may occur, a
margin of some dBµ must be allowed. From the above, the
minimum value for muting setting (muting ON input)
becomes 50dBµ for R204 (semifixed resistor)=50kΩ and
R205=56kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com