Electronic Components Datasheet Search
  English  ▼

X  

LA1266 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA1266
Description  AM/FM Tuner System Of Electronic Tuning Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1266 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA1266 Datasheet HTML 1Page - Sanyo Semicon Device LA1266 Datasheet HTML 2Page - Sanyo Semicon Device LA1266 Datasheet HTML 3Page - Sanyo Semicon Device LA1266 Datasheet HTML 4Page - Sanyo Semicon Device LA1266 Datasheet HTML 5Page - Sanyo Semicon Device LA1266 Datasheet HTML 6Page - Sanyo Semicon Device LA1266 Datasheet HTML 7Page - Sanyo Semicon Device LA1266 Datasheet HTML 8Page - Sanyo Semicon Device LA1266 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LA1266
No.2291-3/11
How to use LA1266
1. LED driver, muting drive output, stop signal(SD).
• For LED drive, muting drive output, stop signal, the output at pin 8 is used.
• Voltage on pin 8, when tuned, turns from "H" to "L" . (Active-low)
• Signal bandwidth at pin 8
– For AM, the bandwidth depends on the C.F(BFU450CN) at pin 14.
If a capacitor is connected in place of the C.F, the bandwidth will get wider.
– For FM, the bandwidth depends on the resistance across pins 9 and 22.
If the resistance is increased, the bandwidth will get narrower.
R=15k
Ω makes the bandwidth approximately 110kHz.
• Sensitivity adjustment of LED, muting, stop signal
– For FM, the semifixed variable resistor across pin 16 and GND is used.
– For AM, the semifixed variable resistor across pin 17 and GND is used.
The relation (for AM,FM) between signal meter voltage and input voltage with the resistance of the semifixed
variable resistor as a parameter is shown below.
LED Drive Bandwidth – Resistance across Pins 9 and 22
FM S Meter Voltage
AM S Meter Voltage
Unit (capacitance : F)
Resisitance across Pins 9 and 22 – k
Ω
IF input voltage – dBµ
Antenna input voltage – dB/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com