Electronic Components Datasheet Search
  English  ▼

X  

LA1266 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA1266
Description  AM/FM Tuner System Of Electronic Tuning Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1266 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1266 Datasheet HTML 3Page - Sanyo Semicon Device LA1266 Datasheet HTML 4Page - Sanyo Semicon Device LA1266 Datasheet HTML 5Page - Sanyo Semicon Device LA1266 Datasheet HTML 6Page - Sanyo Semicon Device LA1266 Datasheet HTML 7Page - Sanyo Semicon Device LA1266 Datasheet HTML 8Page - Sanyo Semicon Device LA1266 Datasheet HTML 9Page - Sanyo Semicon Device LA1266 Datasheet HTML 10Page - Sanyo Semicon Device LA1266 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LA1266
No.2291-7/11
AM Temperature Characteristic(2)
FM Input/Output Characteristic
Distortion Characteristic
FM S Meter Characteristic
FM VCC Characteristic
FM S Meter Voltage Characteristic
IF input voltage
– dBµ
IF input voltage – dBµ
Supply voltage, VCC – V
IF input voltage – dbµ
IF input voltage – dBµ
VSN input=25dB
µ
VSN no input
Detection output 1kHz-75kHz dev
AM output
1kHz-30% mod
Noise Voltage
f=10.7MHz
THD 1kHz-75kHz dev
Detection output (Input=100dBµ)
Current drain,
ICC no signal
-3dB limiting sensitivity
LED lighting sensitivity
Input=100dBµ
S meter voltage Input=100dBµ
0dBµ
IF buffer output (Input=50dB
µ)
LED-on voltge
LED-lighting sensitivity
Output 20mV sensitivity,1kHz-30% mod
Non-modulation
See Test Circuit.
Non-modulation
See Test Circuit.
S/N=20dB sensitivity,
1kHz-30% mod
VSN input=80dBµ
Ambient temperature, Ta – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com