Electronic Components Datasheet Search
  English  ▼

X  

LA1266 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA1266
Description  AM/FM Tuner System Of Electronic Tuning Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1266 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1266 Datasheet HTML 2Page - Sanyo Semicon Device LA1266 Datasheet HTML 3Page - Sanyo Semicon Device LA1266 Datasheet HTML 4Page - Sanyo Semicon Device LA1266 Datasheet HTML 5Page - Sanyo Semicon Device LA1266 Datasheet HTML 6Page - Sanyo Semicon Device LA1266 Datasheet HTML 7Page - Sanyo Semicon Device LA1266 Datasheet HTML 8Page - Sanyo Semicon Device LA1266 Datasheet HTML 9Page - Sanyo Semicon Device LA1266 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LA1266
No.2291-6/11
AM S Meter Current Characteristic
Antenna input voltage – dB/m
AM S Meter Voltage Characteristic
Fidelity Characteristic
Selectivity Characteristic
AM VCC Characteristic
AM Temperature Characteristic (1)
Antenna input voltage – dB/m
Modulation frequency – Hz
Supply voltage,VCC – V
Ambient temperature, Ta – °C
Current drain,
ICC no signal
Detection output
Input=80dB
µ, 1kHz-30%
mod
THD input=80dBµ, 1kHz-30% mod
S/N Input=80dBµ
IF output
Input=80dBµ
IF output
Input=80dBµ
Input=20dBµ
Input=20dBµ
Detection output (Input=100dB/m)
S meter voltage
Input=0
Input=100dB/m
Input=45dB/m
If buffer output (Input=45dB/m)
Output 30mV sensitivity
LED lighting
sensitivity
Frequency,
∆f – kHz
Non-modulation
See Test Circuit.
Distorrion
f=1MHz
100dB/m Input constant
30% mod
f=1MHz
1kHz-30% mod
Output 50mV
constant
Non-modulation
See Test Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com