Electronic Components Datasheet Search
  English  ▼

X  

LA1266 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1266
Description  AM/FM Tuner System Of Electronic Tuning Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1266 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1266 Datasheet HTML 1Page - Sanyo Semicon Device LA1266 Datasheet HTML 2Page - Sanyo Semicon Device LA1266 Datasheet HTML 3Page - Sanyo Semicon Device LA1266 Datasheet HTML 4Page - Sanyo Semicon Device LA1266 Datasheet HTML 5Page - Sanyo Semicon Device LA1266 Datasheet HTML 6Page - Sanyo Semicon Device LA1266 Datasheet HTML 7Page - Sanyo Semicon Device LA1266 Datasheet HTML 8Page - Sanyo Semicon Device LA1266 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LA1266
No.2291-5/11
Test Circuit : FM, AM-MW
AM Current Drain Characteristic
AM Input/Ontput Characteristic
FM Current Drain Characteristic
Unit (resistance :
Ω, capacitance : F)
Antenna input voltage – dB/m
Antenna input voltage – dB/m
Antenna input voltage, VIN(ANT) – dB/m
(Inciuding no LED current)
Noise voltage
ICC (Inciuding no
LED current)
Detection
output 1kHz-30%
THD – VIN(ANT)
Input voltage, VIN – dBµ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com