Electronic Components Datasheet Search
  English  ▼

X  

LTC2938IDE Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2938IDE
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938IDE Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2938IDE Datasheet HTML 3Page - Linear Technology LTC2938IDE Datasheet HTML 4Page - Linear Technology LTC2938IDE Datasheet HTML 5Page - Linear Technology LTC2938IDE Datasheet HTML 6Page - Linear Technology LTC2938IDE Datasheet HTML 7Page - Linear Technology LTC2938IDE Datasheet HTML 8Page - Linear Technology LTC2938IDE Datasheet HTML 9Page - Linear Technology LTC2938IDE Datasheet HTML 10Page - Linear Technology LTC2938IDE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2938/LTC2939
7
293839ff
PIN FUNCTIONS
VPG: Threshold Select Input. Connect to an external 1%
resistive divider between VREF and GND to select one of
sixteen combinations of voltage thresholds (see Table 1).
Do not add capacitance to the VPG input.
VREF: Buffered Reference Voltage Output. A 1.210V nomi-
nal reference used for the mode selection voltage (VPG)
and for the offset of negative adjustable applications. The
buffered reference can source and sink up to 1mA. The
reference can drive a bypass capacitor of up to 1000pF
without oscillation.
WDI: Watchdog Input: A three-state input that controls
the operation of the watchdog timer. Leaving the WDI pin
unconnected disables the watchdog timer while tying it
low or high enables it. While RST is high, a transition
between low and high logic levels (rising or falling edge)
within the watchdog timeout period is required to inhibit
WDO from pulling low and a watchdog initiated reset. A
capacitor attached to CWT sets the watchdog timeout
period. A transition between the low and high logic levels
on the WDI input clears the voltage on the CWT capacitor,
preventing WDO from going low. Once WDO is latched
low, WDI must transition between low and high logic levels
to clear WDO Transitions between open and logic low or
logic high do not clear WDO.
WDO: Watchdog Output. Logic output with weak 6μA pull-
up to V2. May be pulled greater than V2 using external
pull-up. For V2 configured to monitor 2.5V or below,
connect an external pull-up resistor to the interface logic
supply to ensure that the output high voltage is above the
VIH of the external circuit. The watchdog timer is enabled
when RST is high. The watchdog output pulls low if the
watchdog timer expires and the output remains low
until set high by the next WDI transition or anytime an
undervoltage condition occurs. A watchdog failure also
triggers a reset event. Leave open if unused.
Exposed Pad (DE12 package only): The Exposed Pad may
be left open or connected to device ground.
will vary depending on parasitic capacitance on the pin.
Tie CWT to GND to disable the watchdog function.
GND: Device Ground.
NC: No Internal Connection.
RST: Reset Output. Logic output with weak 6μA pull-up
to V2. Pulls low when any voltage input is below the reset
threshold and held low for the configured reset delay time
after all voltage inputs are above threshold. When the
watchdog timer is enabled but not serviced prior to the
configured watchdog timeout period, RST pulls low for
one reset delay time. May be pulled to greater than V2
using an external pull-up. For V2 configured to monitor
2.5V or below, connect an external pull-up resistor to
the interface logic supply to ensure that the output high
voltage is above the VIH of the external circuit. Leave
open if unused.
V1: Voltage Input 1. Select from 5V or 3.3V. See the Ap-
plications Information section for details. The greater of
V1 or V2 is also VCC for the device. Bypass this input to
ground with a 0.1μF (or greater) capacitor.
V2: Voltage Input 2. Select from 3.3V, 2.5V, 1.8V, 1.5V or
1.2V. See the Applications Information section for details.
The greater of V1, V2 is also VCC for the device. Bypass
this input to ground with a 0.1μF (or greater) capacitor.
All status outputs are weakly pulled up to V2.
V3: Voltage Input 3. Select from 2.5V, 1.8V, 1.5V, 1.2V or
ADJ. See the Applications Information section for details.
Tie to V1 if unused.
V4: Voltage Input 4. Select from 1.8V, 1.5V, 1.2V, ADJ or
–ADJ. See the Applications Information section for details.
Tie to V1 if unused and configured for positive voltage.
V5: Adjustable Voltage Input 5 for LTC2939. High imped-
ance comparator input with 0.5V typical threshold. Tie to
V1 if unused.
V6: Adjustable Voltage Input 6 for LTC2939. High imped-
ance comparator input with 0.5V typical threshold. Tie to
V1 if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com