Electronic Components Datasheet Search
  English  ▼

X  

LTC2938IDE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2938IDE
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938IDE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2938IDE Datasheet HTML 4Page - Linear Technology LTC2938IDE Datasheet HTML 5Page - Linear Technology LTC2938IDE Datasheet HTML 6Page - Linear Technology LTC2938IDE Datasheet HTML 7Page - Linear Technology LTC2938IDE Datasheet HTML 8Page - Linear Technology LTC2938IDE Datasheet HTML 9Page - Linear Technology LTC2938IDE Datasheet HTML 10Page - Linear Technology LTC2938IDE Datasheet HTML 11Page - Linear Technology LTC2938IDE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2938/LTC2939
8
293839ff
BLOCK DIAGRAM
–
+
4
4
RESISTIVE
DIVIDERS
V5
RST
UV
WDFAIL
6μA
V2
V6
CRT
WDFAIL
0.5V
LTC2939
V4
V3
V2
VREF
BUFFER
V1
VPG
VCC
VCC
V1
V2
WATCHDOG
TIMER
TRANSITION
DETECT
BANDGAP
REFERENCE
POWER
DETECT
ADJUSTABLE
RESET PULSE
GENERATOR
293839 BD
–
+
–
+
GND
WDI
CWT
WDO
6μA
22μA
2μA
V2
VCC
22μA
2μA
4
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com