Electronic Components Datasheet Search
  English  ▼

X  

LTC2938IDE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2938IDE
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938IDE Datasheet(HTML) 3 Page - Linear Technology

  LTC2938IDE Datasheet HTML 1Page - Linear Technology LTC2938IDE Datasheet HTML 2Page - Linear Technology LTC2938IDE Datasheet HTML 3Page - Linear Technology LTC2938IDE Datasheet HTML 4Page - Linear Technology LTC2938IDE Datasheet HTML 5Page - Linear Technology LTC2938IDE Datasheet HTML 6Page - Linear Technology LTC2938IDE Datasheet HTML 7Page - Linear Technology LTC2938IDE Datasheet HTML 8Page - Linear Technology LTC2938IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2938/LTC2939
3
293839ff
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Minimum Internal Operating Voltage
RST in Correct Logic State
l
1V
VCCMINP
Minimum Required for Configuration
VCC Rising
l
2.6
V
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
l
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V1, V2 Input Threshold
l
3.036
3.086
3.135
V
VRT25
2.5V, 5% Reset Threshold
V2, V3 Input Threshold
l
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V2, V3, V4 Input Threshold
l
1.656
1.683
1.710
V
VRT15
1.5V, 5% Reset Threshold
V2, V3, V4 Input Threshold
l
1.380
1.403
1.425
V
VRT12
1.2V, 5% Reset Threshold
V2, V3, V4 Input Threshold
l
1.104
1.122
1.140
V
VRTA
ADJ Reset Threshold
V3, V4, V5, V6 Input Threshold
l
492.5
500
507.5
mV
VRTAN
–ADJ Reset Threshold
V4 Input Threshold
l
–18
0
18
mV
VREF
Reference Voltage
VCC > 2.3V, IVREF = ±1mA,
CREF < 1000pF
l
1.192
1.210
1.228
V
VPG
Configuration Voltage Range
VCC > VCCMINP
l
0VREF
V
IVPG
VPG Input Current
VPG = VREF
l
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12μA, (Note 4)
l
80
125
μA
IV2
V2 Input Current
V2 = 3.3V
l
0.8
2
μA
IV3
V3 Input Current
V3 = 2.5V
V3 = 0.55V (ADJ Mode)
l
l
0.52
1.2
±15
μA
nA
IV4
V4 Input Current
V4 = 1.8V
V4 = 0.55V (ADJ Mode)
V4 = -0.02V (–ADJ Mode)
l
l
l
0.34
0.8
±15
±15
μA
nA
nA
IV5, IV6
V5, V6 Input Current (LTC2939)
V5, V6 = 0.55V
l
±15
nA
ICRT(UP)
CRT Pull-Up Current
VCRT = GND
l
–1.4
–2
–2.6
μA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
l
10
20
30
μA
tRST
Reset Timeout Period
CRT = 1500pF
l
234
ms
tUV
Vn Undervoltage Detect to RST
Vn Less Than Reset Threshold VRTX by
More Than 1%
150
μs
VOL
Voltage Output Low RST
ISINK = 2.5mA; VCC = 3V
l
0.15
0.4
V
ISINK = 100μA; VCC = 1V
l
0.05
0.3
V
VOL
Voltage Output Low WDO
ISINK = 2.5mA; VCC = 3.3V
l
0.15
0.4
V
VOH
Voltage Output High RST, WDO
(Note 5)
ISOURCE = –1μA; V2 = 3.3V
l
V2 – 1
V
ICWT(UP)
CWT Pull-Up Current
VCWT = GND
l
–1.4
–2
–2.6
μA
ICWT(DN)
CWT Pull-Down Current
VCWT = 1.3V
l
10
20
30
μA
tWD
Watchdog Timeout Period
CWT = 1500pF
l
20
30
40
ms
VWDI
WDI Input Threshold
(VCC = 3.3V to 5.5V)
Logic Low
Open
Logic High
l
l
l
0.7
1.4
0.9
0.4
1.1
V
V
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V unless otherwise specified. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com