Electronic Components Datasheet Search
  English  ▼

X  

LTC2938IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2938IDE
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2938IDE Datasheet HTML 12Page - Linear Technology LTC2938IDE Datasheet HTML 13Page - Linear Technology LTC2938IDE Datasheet HTML 14Page - Linear Technology LTC2938IDE Datasheet HTML 15Page - Linear Technology LTC2938IDE Datasheet HTML 16Page - Linear Technology LTC2938IDE Datasheet HTML 17Page - Linear Technology LTC2938IDE Datasheet HTML 18Page - Linear Technology LTC2938IDE Datasheet HTML 19Page - Linear Technology LTC2938IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2938/LTC2939
20
293839ff
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0709 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Programmable Quad-Supply Monitor
Adjustable Reset, 10-Lead MSOP and DFN Packages
LTC2901
Programmable Quad-Supply Monitor
Adjustable Reset and Watchdog Timer
LTC2902
Programmable Quad-Supply Monitor
Adjustable Reset and Tolerance
LTC2908
Precision 6-Supply Monitor (Four Fixed and Two Adjustable)
8-Lead TSOT-23 and DFN Packages
LTC2930
Configurable 6-Supply Monitor with Adjustable Reset Timer,
Manual Reset
H-Grade Temperature Range, 3mm
× 3mm DFN-12 Package
LTC2931
Configurable 6-Supply Monitor with Adjustable Reset and
Watchdog Timers
H-Grade Temperature Range, Individual Supply Comparator
Outputs, TSSOP-20 Package
LTC2932
Configurable 6-Supply Monitor with Individual Comparator
Outputs
Adjustable Reset Timer and Tolerance, Pin-Selectable Tolerance
(5%, 7.5%, 10% or 12.5%), Reset Disable for Margining,
TSSOP-20 Package
Quad-Supply Monitor (Mode 14) with Pushbutton Reset
293839 TAO6
CRT
47nF
*OPTIONAL RESISTOR FOR
ADDED ESD PROTECTION
1.8V
3.3V
1μF
12V
MANUAL RESET
PUSHBUTTON
5V
10k*
R3
2.15MΩ
1%
SYSTEM
LOGIC
R1
9.53k
1%
R2
93.1k
1%
R4
100k
1%
V4
VREF
VPG
GND
RST
WDO
WDI
V2
CWT
V1
V3
CRT
VTRIP = 11.25V
LTC2938
1μF
CWT
47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com