Electronic Components Datasheet Search
  English  ▼

X  

LTC5598 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC5598
Description  5MHz to 1600MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC5598 Datasheet HTML 8Page - Linear Technology LTC5598 Datasheet HTML 9Page - Linear Technology LTC5598 Datasheet HTML 10Page - Linear Technology LTC5598 Datasheet HTML 11Page - Linear Technology LTC5598 Datasheet HTML 12Page - Linear Technology LTC5598 Datasheet HTML 13Page - Linear Technology LTC5598 Datasheet HTML 14Page - Linear Technology LTC5598 Datasheet HTML 15Page - Linear Technology LTC5598 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC5598
14
5598f
APPLICATIONS INFORMATION
Figure 12. Bottom Side of Evaluation Board
Figure 11. Component Side of Evaluation Board
C8
470nF
C6
10nF
C7
10nF
C5
10nF
C3
1nF
R2
5.6Ω
R1
1Ω
C4
4.7μF
C1
4.7μF
C2
1nF
EN
GND
LOP
LOM
GND
CAPA
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10 11 12
25
24 23 22 21 20 19
VCC2
GNDRF
RF
NC
GNDRF
NC
GND
BBMQ
EN
BBPQ
RF OUT
U1
LTC5598
BOARD NUMBER: DC1455A
J6
J1
LOP
J3
LOM
J5
J7
J2
J4
GND
5598 F10
C10
2.2pF
C9
2.2pF
L1
3.3nH
L2
3.3nH
VCC
BBMI
BBPI
Figure 10. Evaluation Circuit Schematic
this occur, the supply current could be sourced through
the EN pin ESD protection diodes, which are not designed
to carry the full supply current, and damage may result.
Evaluation Board
Figure 10 shows the evaluation board schematic. A good
ground connection is required for the exposed pad. If this
is not done properly, the RF performance will degrade.
Additionally, the exposed pad provides heat sinking for the
part and minimizes the possibility of the chip overheating.
Resistors R1 and R2 reduce the charging current in
capacitors C1 and C4 (see Figure 10) and will reduce
supply ringing during a fast power supply ramp-up in
case an inductive cable is connected to the VCC and GND
turrets. For EN = High, the voltage drop over R1 and R2
is about 0.15V. If a power supply is used that ramps up
slower than 10V/μs and limits the overshoot on the supply
below 5.6V, R1 and R2 can be omitted.
The LTC5598 can be used for base-station applications
with various modulation formats. Figure 13 shows a
typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com