Electronic Components Datasheet Search
  English  ▼

X  

LTC5598 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5598
Description  5MHz to 1600MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 2 Page - Linear Technology

  LTC5598 Datasheet HTML 1Page - Linear Technology LTC5598 Datasheet HTML 2Page - Linear Technology LTC5598 Datasheet HTML 3Page - Linear Technology LTC5598 Datasheet HTML 4Page - Linear Technology LTC5598 Datasheet HTML 5Page - Linear Technology LTC5598 Datasheet HTML 6Page - Linear Technology LTC5598 Datasheet HTML 7Page - Linear Technology LTC5598 Datasheet HTML 8Page - Linear Technology LTC5598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC5598
2
5598f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .........................................................5.6V
Common Mode Level of BBPI, BBMI and
BBPQ, BBMQ ...........................................................0.6V
LOP, LOM Input ....................................................20dBm
Voltage on Any Pin
Not to Exceed...................................–0.3V to VCC + 0.3V
TJMAX .................................................................... 150°C
Operating Temperature Range..................– 40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
25
2
1
13
14
15
16
17
18
EN
GND
LOP
LOM
GND
CAPA
VCC2
GNDRF
RF
NC
GNDRF
NC
TJMAX = 150°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5598IUF#PBF
LTC5598IUF#TRPBF
5598
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com