Electronic Components Datasheet Search
  English  ▼

X  

LTC5598 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5598
Description  5MHz to 1600MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 4 Page - Linear Technology

  LTC5598 Datasheet HTML 1Page - Linear Technology LTC5598 Datasheet HTML 2Page - Linear Technology LTC5598 Datasheet HTML 3Page - Linear Technology LTC5598 Datasheet HTML 4Page - Linear Technology LTC5598 Datasheet HTML 5Page - Linear Technology LTC5598 Datasheet HTML 6Page - Linear Technology LTC5598 Datasheet HTML 7Page - Linear Technology LTC5598 Datasheet HTML 8Page - Linear Technology LTC5598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC5598
4
5598f
ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = 5V, TA = 25ºC, PLO = 0dBm, single-ended; BBPI, BBMI,
BBPQ, BBMQ common-mode DC voltage VCMBB = 0.5VDC, I&Q baseband input signal = 100kHz CW, 0.8VPP,DIFF each, I&Q 90° shifted
(lower side-band selection), unless otherwise noted. (Note 11)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO INPUT (LOP)
fLO
LO Frequency Range
5 to 1600
MHz
PLO,DIFF
Differential LO Input Power Range
–10 to 20
dBm
PLO, SE
Single-Ended LO Input Power Range
–10 to 12
dBm
S11, ON
LO Input Return Loss
EN = High
–10.5
dB
S11, OFF
LO Input Return Loss
EN = Low
–9.6
dB
BASEBAND INPUTS (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
-3dB Bandwidth
>400
MHz
Ib,BB
Baseband Input Current
Single-Ended
–68
μA
RIN, SE
Input Resistance
Single-Ended
–7.4
kΩ
VCMBB
DC Common-Mode Voltage
Externally Applied
0.5
V
VSWING
Amplitude Swing
No Hard Clipping, Single-Ended
0.86
VP-P
POWER SUPPLY (VCC1, VCC2)
VCC
Supply Voltage
4.5
5
5.25
V
ICC(ON)
Supply Current
EN = High, ICC1+ ICC2
130
165
200
mA
ICC(OFF)
Supply Current, Sleep Mode
EN = 0V, ICC1+ ICC2
0.24
0.9
mA
tON
Turn-On Time
EN = Low to High (Notes 8, 10)
75
ns
tOFF
Turn-Off Time
EN = High to Low (Notes 9, 10)
10
ns
POWER UP/DOWN
Enable
Input High Voltage
Input High Current
EN = High
EN = 5V
2
43
V
μA
Sleep
Input Low Voltage
Input Low Current
EN = Low
EN = 0V
–40
1V
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5598 is guaranteed functional over the operating
temperature range –40ºC to 85ºC.
Note 3: At 6MHz offset from the LO signal frequency. 100nF between BBPI
and BBMI, 100nF between BBPQ and BBMQ.
Note 4: Baseband is driven by 2MHz and 2.1MHz tones with 1VPP,DIFF for
two-tone signals at each I or Q input (0.5VPP,DIFF for each tone).
Note 5: IM2 is measured at LO frequency – 4.1MHz.
Note 6: IM3 is measured at LO frequency – 1.9 MHz and LO frequency
– 2.2MHz.
Note 7: Amplitude average of the characterization data set without image
or LO feedthrough nulling (unadjusted).
Note 8: RF power is within 10% of final value.
Note 9: RF power is at least 30dB lower than in the ON state.
Note 10: External coupling capacitors at pins LOP, LOM and RF are 100pF
each.
Note 11: Tests are performed as shown in the configuration of Figure 10.
The LO power is applied to J3 while J5 is terminated with 50Ω to ground
for single-ended LO drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com