Electronic Components Datasheet Search
  English  ▼

X  

LTC5598 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5598
Description  5MHz to 1600MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5598 Datasheet HTML 2Page - Linear Technology LTC5598 Datasheet HTML 3Page - Linear Technology LTC5598 Datasheet HTML 4Page - Linear Technology LTC5598 Datasheet HTML 5Page - Linear Technology LTC5598 Datasheet HTML 6Page - Linear Technology LTC5598 Datasheet HTML 7Page - Linear Technology LTC5598 Datasheet HTML 8Page - Linear Technology LTC5598 Datasheet HTML 9Page - Linear Technology LTC5598 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC5598
6
5598f
LO Feedthrough to RF Output
vs LO Frequency (PLO = 10dBm)
Image Rejection vs LO Frequency
(PLO = 10dBm)
RF Two-Tone Power (Each Tone),
IM2 and IM3 vs RF Frequency
(PLO = 10dBm)
Output IP3 vs RF Frequency
(PLO = 10dBm)
Output IP2 vs RF Frequency
(PLO = 10dBm)
Output 1dB Compression
vs RF Frequency (PLO = 10dBm)
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 5V, TA = 25ºC, fRF = fLO – fBB, PLO =
0dBm single-ended, BBPI, BBMI, BBPQ, BBMQ common-mode DC voltage VCMBB = 0.5VDC, I&Q baseband input signal = 100kHz,
0.8VPP,DIFF, two-tone baseband input signal = 2MHz, 2.1MHz, 0.5VPP,DIFF each tone, I&Q 90° shifted (lower side-band selection);
fNOISE = fLO – 6MHz; unless otherwise noted. (Note 11)
Voltage Gain vs RF Frequency
(PLO = 10dBm)
RF Two-Tone Power (Each Tone),
IM2 and IM3 vs Baseband Voltage
and Temperature (fLO = 140MHz)
RF Two-Tone Power (Each Tone),
IM2 and IM3 vs Baseband Voltage
and Temperature (fLO = 900MHz)
fRF, EACH = fLO –fBB1
fIM3 = fLO – 2*fBB1 +fBB2
fIM3 = fLO + 2*fBB1 +fBB2
fIM2 = fLO – fBB1 –fBB2
I AND Q BASEBAND VOLTAGE (VPP, DIFF, EACH TONE)
0.1
10
–40
–30
–20
–10
0
–50
–30
–80
–70
–60
–50
–40
–90
5598 G10
1
I AND Q BASEBAND VOLTAGE (VPP, DIFF, EACH TONE)
0.1
10
–40
–30
–20
–10
0
–50
–30
–80
–70
–60
–50
–40
–90
5598 G11
1
fRF, EACH = fLO – fBB1
fIM3 = fLO + 2*fBB1 +fBB2
fIM3 = fLO – 2*fBB1 +fBB2
fIM2 = fLO – fBB1 –fBB2
RF FREQUENCY (MHz)
–1
–4
–3
–2
–5
5598 G12
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
PLO = 10dBm
RF FREQUENCY (MHz)
29
25
23
21
19
27
17
5598 G13
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
RF FREQUENCY (MHz)
85
75
70
65
60
80
55
5598 G14
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
RF FREQUENCY (MHz)
10
8
6
4
2
0
5598 G15
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
LO FREQUENCY (MHz)
–40
–50
–60
–70
5598 G16
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
LO FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
5598 G17
1000
100
10
5V, 25°C
5.25V, 25°C
4.5V, 25°C
5V, –40°C
5V, 85°C
RF FREQUENCY (MHz)
0
–60
–40
–100
5598 G18
1000
100
10
fRF, EACH = fLO – fBB1
fIM3 = fLO – 2*fBB1 +fBB2
fIM3 = fLO + 2*fBB1 +fBB2
fIM2 = fLO – fBB1 –fBB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com