Electronic Components Datasheet Search
  English  ▼

X  

FMCE-0328 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMCE-0328
Description  Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0328 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMCE-0328 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Positive
Input
Input
Common
Positive
Output
Output
Common
Figure 2: Schematic - Fmce-0328
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
Figure 1: connection Diagram
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Operating COnditiOns and CharaCteristiCs
Input Voltage Range
Continuous -0.5 to 50 VDC
•
Transient -0.5 to 80 V for 1 second
•
Lead Soldering Temperature (10 sec per pin)
300°C
•
Storage Temperature Range (Case)
-65°C to +150°C
•
Case Operating Temperature (TC)
-55°C to +125°C full power
•
Derating Output Power/Current
Linearly from 100% at 125°C to 80% at 135°C case
•
Input to Output Capacitance (TC = 25°C)
0.024 µF max, any pin to case
•
Isolation (TC = 25°C)
100 megohm minimum at 500 V
•
Any pin to case, except case pin
•
Electrostatic Discharge (ESD) Sensitivity per MIL-PRF-38534
Classification 3B, 8000 V
•
meChaniCal and envirOnmental
Size (maximum)
Non-flanged, case E3
•
1.460 x 1.130 x 0.330 (37.08 x 28.70 x 8.38 mm)
‣
Flanged, case G3
•
2.005 x 1.130 x 0.330 inches (50.93 x 28.70 x 8.38 mm)
‣
See cases E3 and G3 for dimensions
‣
Weight (maximum)
32 grams
•
Screening
The FMCE-0328 EMI Input filter offers Standard, /ES or 883,
Class H, QML screening. See Screening Tables 1 and 2 for more
information.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 10
FMCE-0328 EMI Input Filter
28 VOLT InPuT – 3 AMP
FMCE-0328 Rev D - 20100413



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com