Electronic Components Datasheet Search
  English  ▼

X  

FMCE-0328 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMCE-0328
Description  Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0328 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMCE-0328 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTIOn
Interpoint specifically designed the FMCE-0328™ EMI filter to
reduce the input line reflected ripple current of the following high
frequency DC/DC converters: MTR, MHF+ and MHV Series
converters. These filters are intended for use in 28 volt applica-
tions which must meet MIL-STD-461C CE03 and CS01 and/or
MIL-STD-461D, E and F CE102 and CS101 levels of conducted
emissions. At 50 VDC input (high line), the filter provides 150
watts of throughput power.
The FMCE-0328 filters are built using thick-film hybrid tech-
nology and are hermetically sealed in metal packages for military,
aerospace, and other high-reliability applications. Only ceramic
capacitors are used in the filters to ensure reliable high tempera-
ture operation.
The filters are offered with standard screening, “ES” screening,
or fully compliant to “883” MIL-PRF-38534 Class H screening.
Standard microcircuit drawings (SMD) are available.
MiL-StD nOiSe MAnAgeMent
When used in conjunction with Interpoint converters, the FMCE-
0328 filters reduce input ripple current within the frequency band
of 100 kHz to 50 MHz. When used with an Interpoint converter,
performance exceeds the CEO3 test of MIL-STD-461C and
meets the requirements of CS01 of MIL-STD-461C. These filters
also meet CE102 and CS101 of MIL-STD-461D, E and F.
OPerAting teMPerAture
The filters are rated to operate, with no degradation of perfor-
mance, over the temperature range of -55°C to +125°C (as
measured at the baseplate). Above +125°C, current must be
derated as specified on the following page.
inSertiOn LOSS
Low DC resistance design results in a maximum power loss of
less than 2% with typical input voltage.
inPut VOLtAge
AnD
Current
Input (V)
28
Current (A)
3
FEATuRES
Attenuation to 60 db at 500 kHz, typical
Operating temperature -55° to +125°C
•
Nominal 28 V input, -0.5 to 50 V operation
•
Transient rating -0.5 to 80 V for 1 second
•
Up to 3 A throughput current over the
•
full input voltage range of -0.5 to 50 V
Compliant to
•
MIL-STD-461C CE03
-
MIL-STD-461D, E and F CE102
-
MIL-STD-461C CS01
-
MIL-STD-461D, E and F CS101
-
Compatible with MIL-STD-704 A-E 28 VDC power bus
•
Crane Aerospace & Electronics Power Solutions
FMCE-0328 EMI Input Filter
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 10
FMCE-0328 Rev D - 20100413
28 VOLT InPuT – 3 AMP


Similar Part No. - FMCE-0328

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528-TR INTERPOINT-FMCE-0528-TR Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828/883 INTERPOINT-FMCE-0828/883 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
More results

Similar Description - FMCE-0328

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com