Electronic Components Datasheet Search
  English  ▼

X  

FMCE-0328 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FMCE-0328
Description  Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0328 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FMCE-0328 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electrical Characteristics: -55°C to +125°C TC, nominal Vin, unless otherwise specified.
Notes
1. guaranteed by design, not tested.
2. 0.5 ohm source impedance.
3. Typical applications result in Vout within 2% of Vin.
MODEL
FMCE-0328
PArAMeter
COnDitiOnS
MIN
TYP
MAX
unitS
inPut VOLtAge
COntinuOuS
-0.5
28
50
VDC
trAnSient 1 sec 1, 2
-0.5
—
80
V
nOiSe reJeCtiOn
500 kHz
50
60
—
dB
1 MHz
55
60
—
DC reSiStAnCe (rDC)
25°C
—
0.170
0.200
Ω
At MAXiMuM Current
tC = -55 AnD +125°C 1
—
0.200
0.250
CAPACitAnCe
AnY Pin tO CASe
tC = 25°C
—
22,000
24,000
pF
OutPut VOLtAge 3
SteADY StAte
VOUT = VIN - IIN (RDC)
VDC
OutPut Current
SteADY StAte
Vin = -0.5 - 50 V
—
—
3
A
POWer DiSSiPAtiOn
At MAXiMuM Current 1
tC = 25°C
—
1.5
1.8
W
tC = 125°C
—
—
2.25
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 10
FMCE-0328 EMI Input Filter
28 VOLT InPuT – 3 AMP
FMCE-0328 Rev D - 20100413



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com