Electronic Components Datasheet Search
  English  ▼

X  

FMCE-0328 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMCE-0328
Description  Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0328 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMCE-0328 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL nuMbERIng kEy
FMCE - 03
28 - F
/ 883
Base Model
Output Current
Input Voltage
Screening
(Standard screening has no designator
in this position.)
Case Option
(Non-flanged case has no designator in
this position)
DSCC nuMbERS
DScc Drawing (5915)
Fmce-0328
Similar Part
10015-01HXC
FMCE-0328/883
10015-01HZC
FMCE-0328-F/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. DSCC drawings can be downloaded
from: http://www.dscc.dla.mil/programs/smcr
MODEL SELECTIOn
on the lineS below, enter one Selection From unDer each category
to Determine the moDel number
.
CATEgORy
FMCE-0328
–
_______
/
______
bASE MODEL AnD InPuT
VOLTAgE
CASE OPTIOn 1
SCREEnIng 2
SELECTIOn
“FMCE-0328” is the only
available selection
(nOn-FLAngED leave blank)
Standard (leave blank)
F (FLAngED)
ES
883 (Class H, QML)
1. Case Options: For the standard case, case E3, leave the case option blank. For the flanged case option, case G3, insert the letter F in the
Case Option position.
2. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For
more information see Screening Tables 1 and 2.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 10
FMCE-0328 EMI Input Filter
28 VOLT InPuT – 3 AMP
FMCE-0328 Rev D - 20100413



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com