Electronic Components Datasheet Search
  English  ▼

X  

HSH1205D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HSH1205D
Description  Operating temperature -40째C to 150째C Fully isolated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company HSH1205D Datasheet HTML 5Page - Interpoint Corporation Company HSH1205D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Operating COnditiOns and CharaCteristiCs
Input Voltage range
8 to 20 VdC continuous, 0.6 W max
•
12 to 18 VdC continuous, 1.5 W max
•
Output power
•1.5W
lead soldering temperature (10 sec per lead)
00°C
•
storage temperature range (Case)
–65°C to +150°C
•
Case Operating temperature (tC)
+125°C to +150°C 1 watt
•
–55°C to +125°C 1.5 watts
•
Isolation
100 megohm minimum at 500 VdC
•
any pin to case except case pin
•
Output Voltage temperature Coefficient
150 ppm/°C typical
•
audio rejection
40 dB typical
•
Conversion Frequency (kHz)
370 kHz nominal
•
80 min kHz with
•
Vin = 6V
‣
±I
‣ ouT = 60 ma
T
‣ C = -55 to +125°C
meChaniCal and envirOnmental
size (maximum)
0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm).
•
see case a2 for dimensions.
Weight (maximum)
12 grams maximum
•
screening
HsH standard or HsH es. see screening Table 1 for more
•
information, page 6.
inhibit
active low (output disabled)
Referenced to input common
•
active high (output enabled)
open collector, or leave unconnected
•
open pin voltage 7 to 8 V typical
•
www.craneae.com/interpoint
Page 2 of 6
Crane Aerospace & Electronics Power Solutions
HsH1205D Dual Output DC/DC Converter
12 VOlt Input – 1.5 Watt
HsH Rev C - 20100805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com