Electronic Components Datasheet Search
  English  ▼

X  

HSH1205D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HSH1205D
Description  Operating temperature -40째C to 150째C Fully isolated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company HSH1205D Datasheet HTML 5Page - Interpoint Corporation Company HSH1205D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
electrical Characteristics:14 VdC Vin, ±100 ma load, unless otherwise specified.
notes:
1. guaranteed by design, not tested.
2. Tested with an external input inductor and capacitor: lIn = 6 µH, CIn = 80 µF. CIn
is directly across the power supply output to the HsH converter, then followed by
the inductor (lIn) which connects to the input of the HsH converter.
3. maximum duration of short circuit at 25°C is 90 seconds, and the maximum dura-
tion at +150°C is 5 seconds.
4. load fault is a short circuit (<50 mohms). Recovery is into resistive full load.
5. at 25°C the maximum spec indicates 80% of the converter’s total power, which is
available from either output providing the other output carries a minimum of 20%
of the total load.
6. Voltage applied to the inhibit pin during inhibit at temperatures lower than 0°C must
be less than 0.23 V.
HsH1205d
25°C
+40°C
+150°C 1
parameters
COnDitiOns
min
typ
maX
min
typ
maX min
typ
maX
units
Output VOltage 2
Vin = 6, IOut = ±60 ma
±4.75
±5
±5.25 ±4.70
±5
±5.30 ±4.65
±5
±5.35
Vin = 16, IOut = ±60 ma
±4.75
±5
±5.25 ±4.70
±5
±5.30 ±4.65
±5
±5.35
VDC
Vin = 16, IOut = ±120 ma ±4.75
±5
±5.25 ±4.70
±5
±5.30
—
—
—
Vin = 16, IOut = ±100 ma
—
—
—
—
—
—
±4.65
±5
±5.35
Output Current 5
Vin = 12 tO 18 VDC
0
±150
240
0
±150
—
0
±100
—
ma
Vin = 8tO 20 VDC
0
±60
96
0
±60
—
0
±60
—
Output pOwer
Vin = 12 tO 18 VDC
0
—
1.5
0
—
1.5
0
—
1.0
w
Vin = 8 tO 20 VDC
0
—
0.6
0
—
0.6
0
—
0.6
Output ripple
10 khz - 2 mhz
—
35
180
—
50
250
—
50
250
mV p-p
input VOltage
nO lOaD tO 1.5 w
12
14
18
12
14
18
—
—
—
VDC
no load To 600 mW
8
14
20
8
14
20
8
14
20
input Current
no load
—
5
10
—
8
12
—
18
25
ma
inhibiteD 6
—
2.4
—
—
2.4
—
—
2.4
—
input ripple Current 5
10 khz - 10 mhz
—
—
50
—
—
100
—
—
50
ma p-p
eFFiCienCy
71
74
—
63
67
—
54
—
—
%
start-up
Delay
—
3
18
—
3
18
—
3
18
µs
OVershOOt1
—
200
—
—
100
—
—
200
—
mV pk
lOaD Fault 1, 3, 4
pOwer DissipatiOn
—
—
2.2
—
—
2.5
—
—
2.5
w
www.craneae.com/interpoint
Page 4 of 6
Crane Aerospace & Electronics Power Solutions
HsH1205D Dual Output DC/DC Converter
12 VOlt Input – 1.5 Watt
HsH Rev C - 20100805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com