Electronic Components Datasheet Search
  English  ▼

X  

HSH1205D Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # HSH1205D
Description  Operating temperature -40째C to 150째C Fully isolated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 6 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company HSH1205D Datasheet HTML 5Page - Interpoint Corporation Company HSH1205D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HSH STANDARD AND /ES (NON-QML)
ENVIRONMENTAL SCREENING
test perFOrmed
hsh standard 1
hsh /es 1
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to 125°C
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-in
24 hours at 150°C case (typical)
96 hours at 150°C case (typical)
yes
no
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1, 2, 4, 5: +25°C, +125°C
yes
yes
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
Final visual inspection
Method 2009
yes
yes
Test methods are referenced to mIl-sTd-883 as determined by mIl-PRF-38534.
notes:
1. standard and /es, non-Qml products, do not meet all of the requirements of mIl-PRF-38534.
SCREENING TABLE 7: ENVIRONMENTAL SCREENING - HIGH RELIABILITY - HSH
sCreening table 1: enVirOnmental sCreening
HsH dual HsH Rev C - 20100805. This revision supersedes all previous releases. all technical information is believed to be accurate, but no respon-
sibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. HsH series is a
trademark of Interpoint. Copyright © 1999 - 2010 Interpoint Corporation. all rights reserved.
www.craneae.com/interpoint
Page 6 of 6
Crane Aerospace & Electronics Power Solutions
HsH1205D Dual Output DC/DC Converter
12 VOlt Input – 1.5 Watt



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com