Electronic Components Datasheet Search
  English  ▼

X  

HSH1205D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HSH1205D
Description  Operating temperature -40째C to 150째C Fully isolated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company HSH1205D Datasheet HTML 5Page - Interpoint Corporation Company HSH1205D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
models
VDC Output
dual
±5
Features
Operating temperature -40°C to +150°C
Input voltage range 8 to 20 VDC
Fully isolated
•
magnetic feedback
•
Variable operating frequency
•
Inhibit function
•
DesCrIptIOn
With a miniature footprint of just 0.8 square inches, the HsH
series™ of dC/dC converters delivers 1.5 watts of output power
while saving significant board real estate. The wide input voltage
range of 8 to 20 VdC accepts the varying voltages of military,
industrial, or battery 12 V bus power and tightly regulates output
voltages to protect downstream components.
COnVerter Design
HsH series dC/dC converters incorporate a flyback topology
with a variable frequency, nominally 370 kHz. output voltage is
magnetically fed back to the input side of the PWm to regulate
output voltage.
up to 80% of the load may be on one output providing that the
other output carries a minimum of 20% of the total load. This
dual model can be used as a single output voltage by connecting
the load between positive and negative outputs, leaving the
common unconnected resulting in double the output voltage. (ex:
HsH1205d can be used as a 10 VdC output.)
inhibit FunCtiOn
When an active low is applied to the inhibit terminal, pin 7, the
converter shuts down and lowers the output voltage to near zero
and input current to as low 5 ma. leaving the terminal open or
applying an active high will enable the converter.
mIl-sTd-461
use Interpoint’s Fmsa-461 emI filter to pass the Ce03 require-
ments of mIl-sTd-461C.
COnVenient paCkaging
The HsH series converters are packaged in hermetically sealed
metal cases which provide emI/RFI shielding and protection from
the environment.
Crane Aerospace & Electronics Power Solutions
HsH1205D Dual Output DC/DC Converter
Crane aerospace & electronics
electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 6
HsH Rev C - 20100805
12 VOlt Input – 1.5 Watt


Similar Part No. - HSH1205D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D Datasheet
132Kb / 4P
DC/DC CONVERTERS 12 VOLT INPUT
HSH1205D/ES INTERPOINT-HSH1205D/ES Datasheet
132Kb / 4P
DC/DC CONVERTERS 12 VOLT INPUT
More results

Similar Description - HSH1205D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126011 SENSITRON-SHD126011 Datasheet
64Kb / 3P
SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126012 SENSITRON-SHD126012 Datasheet
65Kb / 3P
SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126845 SENSITRON-SHD126845 Datasheet
46Kb / 3P
SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
No external components required Operating temperature -70째 to 150째C
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
Advance Information Temperature range (ambient): -40째C to 105째C
logo
Texas Instruments
ADT7301 TI-ADT7301 Datasheet
286Kb / 16P
13-bit temperature-to-digital converter ??0째C to 150째C operating temperature range 짹0.5째C typical accuracy
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Vicor Corporation
PFM4414BB6M48D0C00 VICOR-PFM4414BB6M48D0C00 Datasheet
869Kb / 23P
Two temperature grades including operation to -40째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
Ambient temperature: -40째C to 110째C (refering to IR)
logo
Renesas Technology Corp
SDAH01 RENESAS-SDAH01 Datasheet
1Mb / 9P
SDAH01 Evaluation Board operating temperature: -40째C to 85째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com