Electronic Components Datasheet Search
  English  ▼

X  

PD85025C Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD85025C
Description  RF power transistor - LdmoST family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85025C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD85025C Datasheet HTML 2Page - STMicroelectronics PD85025C Datasheet HTML 3Page - STMicroelectronics PD85025C Datasheet HTML 4Page - STMicroelectronics PD85025C Datasheet HTML 5Page - STMicroelectronics PD85025C Datasheet HTML 6Page - STMicroelectronics PD85025C Datasheet HTML 7Page - STMicroelectronics PD85025C Datasheet HTML 8Page - STMicroelectronics PD85025C Datasheet HTML 9Page - STMicroelectronics PD85025C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PD85025C
Typical performance
7/10
Figure 7.
Output power and efficiency vs
input power
Figure 8.
Gain vs output power and
bias current
Figure 9.
Pout and drain current vs
gate voltage
Figure 10.
Pout and drain current vs
supply voltage
Figure 11.
Pout and drain current vs
supply voltage
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
Pin (W)
0
10
20
30
40
50
60
70
80
Pout
Efficiency
Freq = 945 MHz
Vdd = 13.6V
Idq = 300 mA
10
12
14
16
18
20
22
0
5
10
15
20
25
30
35
40
Pout (W)
100mA
300mA
200mA
400mA
Freq = 945 MHz
Vdd = 13.6V
0
5
10
15
20
25
30
35
01
2
3
45
6
Vgs (V)
0
0.5
1
1.5
2
2.5
3
3.5
Pout
Id
Freq = 945 MHz
Pin = 0.4W
Vdd = 13.6V
Idq = 300mA
0
5
10
15
20
25
30
35
40
710
13
16
19
Vdd (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout
Id
Freq = 945 MHz
Pin = 0.8W
Idq = 300mA
0
5
10
15
20
25
30
35
40
45
50
710
13
16
19
Vdd (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Pout
Id
Freq = 945 MHz
Pin = 1.6W
Idq = 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com