Electronic Components Datasheet Search
  English  ▼

X  

PD85025C Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD85025C
Description  RF power transistor - LdmoST family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85025C Datasheet(HTML) 1 Page - STMicroelectronics

  PD85025C Datasheet HTML 1Page - STMicroelectronics PD85025C Datasheet HTML 2Page - STMicroelectronics PD85025C Datasheet HTML 3Page - STMicroelectronics PD85025C Datasheet HTML 4Page - STMicroelectronics PD85025C Datasheet HTML 5Page - STMicroelectronics PD85025C Datasheet HTML 6Page - STMicroelectronics PD85025C Datasheet HTML 7Page - STMicroelectronics PD85025C Datasheet HTML 8Page - STMicroelectronics PD85025C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2007
Rev 1
1/10
10
PD85025C
RF power transistor - LdmoST family
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 25 W with 16 dB gain @ 945 MHz /
13.6 V
■ BeO free package
■ ESD protection
■ In compliance with the 2002/95/EC european
directive
Description
The PD85025C is a common source
N-channel, enhancement-mode lateral Field-
Effect RF power transistor. It is designed for high
gain, broadband commercial and industrial
applications. It operates at 13.6 V in common
source mode at frequencies of up to 1 GHz.
PD85025C boasts the excellent gain, linearity and
reliability of ST’s latest LDMOS technology.
PD85025C’s superior linearity performance
makes it an ideal solution for mobile application.
Figure 1.
Pin connection
M243
Epoxy sealed
1. Drain
2. Gate
3. Source
1
3
2
Table 1.
Device summary
Order code
Package
Packing
PD85025C
M243
Box
www.st.com


Similar Part No. - PD85025C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD85025 ETC1-PD85025 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD85025-E STMICROELECTRONICS-PD85025-E Datasheet
361Kb / 15P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Aug-2008
PD85025S-E STMICROELECTRONICS-PD85025S-E Datasheet
361Kb / 15P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Aug-2008
PD85025STR-E STMICROELECTRONICS-PD85025STR-E Datasheet
361Kb / 15P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Aug-2008
PD85025TR-E STMICROELECTRONICS-PD85025TR-E Datasheet
361Kb / 15P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Aug-2008
More results

Similar Description - PD85025C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003L-E STMICROELECTRONICS-PD55003L-E Datasheet
200Kb / 19P
RF POWER TRANSISTOR The LdmoST Plastic FAMILY
14-Feb-2006
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
RF power transistor The LdmoST plastic family
05-Dec-2007
PD85035C STMICROELECTRONICS-PD85035C Datasheet
242Kb / 10P
RF power transistor - LdmoST family
16-Nov-2007
PD84006L-E STMICROELECTRONICS-PD84006L-E Datasheet
299Kb / 16P
RF power transistor, LDmoST plastic family
15-Jul-2008
PD85004 STMICROELECTRONICS-PD85004 Datasheet
662Kb / 18P
RF power transistor the LdmoST plastic family
22-Aug-2008
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
RF power transistor, LdmoST family
14-Apr-2009
PD20015-E STMICROELECTRONICS-PD20015-E Datasheet
352Kb / 16P
RF power transistor, LdmoST family
29-May-2012
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
RF power transistor the LdmoST plastic family
25-Aug-2008
STAP57100 STMICROELECTRONICS-STAP57100 Datasheet
181Kb / 8P
RF power transistor the LdmoST family
08-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com