Electronic Components Datasheet Search
  English  ▼

X  

STV8162 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV8162_09 Datasheet HTML 5Page - STMicroelectronics STV8162_09 Datasheet HTML 6Page - STMicroelectronics STV8162_09 Datasheet HTML 7Page - STMicroelectronics STV8162_09 Datasheet HTML 8Page - STMicroelectronics STV8162_09 Datasheet HTML 9Page - STMicroelectronics STV8162_09 Datasheet HTML 10Page - STMicroelectronics STV8162_09 Datasheet HTML 11Page - STMicroelectronics STV8162_09 Datasheet HTML 12Page - STMicroelectronics STV8162_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV8162
Power dissipation and layout indications
9/14
5
Power dissipation and layout indications
The power is mainly dissipated by the three device buffers. It can be calculated by the
equation:
P = (VIN1-VOUT1) x IOUT1 + (VIN2-VOUT2) x IOUT2 + (VIN3-VOUT3) x IOUT3
The following table lists the different RthJA values of these packages with or without a heat
sink and the corresponding maximum power dissipation assuming:
●
Maximum ambient temperature = 70° C
●
Maximum junction temperature = 140° C
Figure 8.
Thermal resistance (junction-to-ambient) of DIP18 package without heatsink
Figure 9.
Metal plate mounted near STV8162D for heatsinking
Table 5.
Power dissipation
Device
Heat Sink
RthJA in °C/W
PMAX in W
STV8162
No
50
1.4
Yes
15
4.6
STV8162D
No
56 to 40
1.25 to 1.75
Yes
32
2.2
Copper area (cm²) (35 µm plus solder) Board is face-down
To optimize the thermal conductivity of the copper
layer and the exchanges with the air, the solder
must cover the maximum amount of this area.
60
40
50
10
12
0
55
45
24
8
6
Test Board with
“On Board” square heat sink area.
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com