Electronic Components Datasheet Search
  English  ▼

X  

STV8162 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 3 Page - STMicroelectronics

  STV8162_09 Datasheet HTML 1Page - STMicroelectronics STV8162_09 Datasheet HTML 2Page - STMicroelectronics STV8162_09 Datasheet HTML 3Page - STMicroelectronics STV8162_09 Datasheet HTML 4Page - STMicroelectronics STV8162_09 Datasheet HTML 5Page - STMicroelectronics STV8162_09 Datasheet HTML 6Page - STMicroelectronics STV8162_09 Datasheet HTML 7Page - STMicroelectronics STV8162_09 Datasheet HTML 8Page - STMicroelectronics STV8162_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV8162
Description
3/14
1
Description
Figure 2.
STV8162 block diagram
Figure 3.
STV8162D block diagram
4
Regulator 1
1
3
Reference
INPUT1
OUTPUT1
RESET
DELAY CAPACITOR
2
Protections
7
Regulator 2
5
INPUT2
OUTPUT2
9
8
Regulator 3
11
10
INPUT3
DISABLE
OUTPUT3
Not Connected
GROUND
6
4
Regulator 1
1
3
Reference
INPUT1
OUTPUT1
RESET
DELAY CAPACITOR
2
Protections
6
Regulator 2
5
INPUT2
OUTPUT2
8
7
Regulator 3
9
INPUT3
DISABLE
OUTPUT3
GROUND
Pins 10 to 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com