Electronic Components Datasheet Search
  English  ▼

X  

STV8162 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 5 Page - STMicroelectronics

  STV8162_09 Datasheet HTML 1Page - STMicroelectronics STV8162_09 Datasheet HTML 2Page - STMicroelectronics STV8162_09 Datasheet HTML 3Page - STMicroelectronics STV8162_09 Datasheet HTML 4Page - STMicroelectronics STV8162_09 Datasheet HTML 5Page - STMicroelectronics STV8162_09 Datasheet HTML 6Page - STMicroelectronics STV8162_09 Datasheet HTML 7Page - STMicroelectronics STV8162_09 Datasheet HTML 8Page - STMicroelectronics STV8162_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV8162
Electrical characteristics
5/14
VOUT1LI
Line regulation
7 V < VIN1 < 12 V,
IOUT1 = 200 mA
50
mV
VOUT2LI
Line regulation
7 V < VIN2 < 12 V,
IOUT2 = 200 mA
50
mV
VOUT3LI
Line regulation
10 V < VIN3 < 15 V,
IOUT3 = 200 mA
80
mV
VOUT1LO Load regulation
5 mA < IOUT1 < 600 mA
100
mV
VOUT2LO Load regulation
5 mA < IOUT2 < 600 mA
100
mV
VOUT3LO Load regulation
5 mA < IOUT3 < 600 mA
160
mV
IQ
Quiescent current
IOUT1 = 10 mA
Outputs 2 and 3 disabled
2.2
3.0
mA
VO1RST
Reset threshold voltage
K = VOUT1
K-0.4
K-0.25
K-0.10 V
VRTH
Reset threshold hysteresis
See circuit description.
30
75
120
mV
tRD
Reset pulse delay
Ce = 100 nF
See circuit description.
25
ms
VRL
Saturation voltage in reset
condition
IRESET = 5 mA
0.4
V
IRH
Leakage current in normal
condition, at RESET pin
VRESET = 10 V
10
μA
KOUT1
KOUT2
KOUT3
Output voltage thermal drift
TJ = 0 to 125°C
100
ppm/°
C
IOUT1SC
Short circuit output current
VIN1 = 7 V
0.8
1.3
1.8
A
IOUT2SC
Short circuit output current
VIN1 = 7 V
0.8
1.3
1.8
A
IOUT3SC
Short circuit output current
VIN3 = 10 V
0.8
1.3
1.8
A
VDISH
Voltage high level at DISABLE pin (Outputs 2 and 3 active)
2
V
VDISL
Voltage low level at DISABLE pin (Outputs 2 and 3 disabled)
0.8
V
IDIS
Bias current at DISABLE pin
0 V < VDISABLE < 7 V
-100
2
μA
TJSD
Junction temperature for thermal shutdown
150
°C
TSDH
Thermal shutdown temperature hysteresis
15
°C
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K
OUT
ΔV
OUT
10
6
⋅
ΔTV
OUT
⋅
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com