Electronic Components Datasheet Search
  English  ▼

X  

STV8162 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 4 Page - STMicroelectronics

  STV8162_09 Datasheet HTML 1Page - STMicroelectronics STV8162_09 Datasheet HTML 2Page - STMicroelectronics STV8162_09 Datasheet HTML 3Page - STMicroelectronics STV8162_09 Datasheet HTML 4Page - STMicroelectronics STV8162_09 Datasheet HTML 5Page - STMicroelectronics STV8162_09 Datasheet HTML 6Page - STMicroelectronics STV8162_09 Datasheet HTML 7Page - STMicroelectronics STV8162_09 Datasheet HTML 8Page - STMicroelectronics STV8162_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STV8162
4/14
2
Electrical characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage at pins INPUT1, INPUT2 and INPUT3
20
V
VDIS
Disable input voltage at pin DISABLE
20
V
VRST
Output voltage at pin RESET
20
V
IOUTPUT
Output currents
Internally limited
Pt
Power dissipation
Internally limited
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
0 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction-to-case thermal
resistance
STV8162
STV8162D
3
15
°C/W
RthJA
Junction-to-ambient
thermal resistance (1)
1.
Mounted on board. For more information, refer to Section 5.
STV8162
STV8162D
≥10
56
°C/W
TJ
Maximum recommended junction temperature
140
°C
TOPER
Operating free air temperature range
0 to +70
°C
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT1
Output voltage
IOUT1 = 10 mA
4.90
5.00
5.10
V
VOUT2
Output voltage
IOUT2 = 10 mA
4.90
5.00
5.10
V
VOUT3
Output voltage
IOUT3 = 10 mA
7.84
8.00
8.16
V
VOUT1
Output voltage
7 V < VIN1 < 12 V
5 mA < IOUT1 < 600 mA
4.80
5.20
V
VOUT2
Output voltage
7 V < VIN2 < 12 V
5 mA < IOUT2 < 600 mA
4.80
5.20
V
VOUT3
Output voltage
10 V < VIN3 < 15 V
5 mA < IOUT3 < 600 mA
7.68
8.32
V
VIO1
Dropout voltage
IOUT1 = 0.6 A
1
1.4
V
VIO2
Dropout voltage
IOUT2 = 0.6 A
1
1.4
V
VIO3
Dropout voltage
IOUT3 = 0.6 A
1
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com