Electronic Components Datasheet Search
  English  ▼

X  

IC-OVCHIP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-OVCHIP
Description  5-BIT OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OVCHIP Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-OVCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-OV
5-BIT OPTO ENCODER
Rev C0, Page 6/9
ELECTRICAL CHARACTERISTICS
Operating Conditions:
VCC= 5V ±10%, Tj= -25..125
EC, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Test Aid TNRF, TREF (continued)
403
It()
Pull-Down Current
(Test Aid Turn-on Threshold)
V()= 0.5V
-25
27
85
125
2
14
17
21
23
150
µA
µA
µA
µA
µA
404
V()on
Turn-on Voltage
test aid active; I(TNRF)= 2..200µA
and I(TREF)= 100µA, or
I(TNRF)= 100µA and
I(TREF)= 2..200µA
-25
27
85
125
1.9
1.6
1.3
1.1
2.4
2.1
1.8
1.6
2.7
2.4
2.1
1.9
V
V
V
V
LED Current Control with Reference Photodiode DREF
501
Aph()
Radiant Sensitive Area DREF
0.2 × 0.1
mm²
502
I(DREF)
Permis. Photocurrent at DREF
10
200
nA
503
I(LED)
Permis. Driver Current in LED
0
40
mA
504
Vs(LED)
Saturation Voltage at LED
I(LED)= 40mA, I(ISET)>10µA,
I(DREF)=0
0.4
0.9
1.4
V
505
V(ISET)
Voltage at ISET
I(ISET)= -100..-10µA
1.14
1.22
1.28
V
506
Isc()
Short-Circuit Current in ISET
V(ISET)= 0
27
0.5
1.3
mA
mA
507
CR()
Current Ratio
I(ISET)/I(DREF)
closed LED control,
I(DREF)= 20..200nA
720
1080
1820
508
CR()
Current Ratio
I(ISET)/I(DREF)
closed LED control,
I(DREF)= 60..120nA
840
1080
1440
509
Vc()hi
Clamp Voltage hi at ISET, LED
VCC= 0, I()= 3mA
0.4
1.5
V
510
Vc()lo
Clamp Voltage lo at ISET, LED
VCC= 0, I()= -3mA
-1.5
-0.4
V
Inverting Mode Input NINV
601
Vt()
Threshold Voltage hi
0.5
1
V
602
Ipu()
Pull-Up Current
V(NINV)= 0V, I(D1)< I(DREF)
80
µA
603
Ipu()
Pull-Up Current
V(NINV)= 0V, I(D1)> I(DREF)
20
µA
604
Vc()hi
Clamp Voltage hi
Vc()hi= V(NINV)-VCC; I()= 3mA
0.4
1.5
V
605
Vc()lo
Clamp Voltage lo
I()= -3mA
-1.5
-0.4
V
Bias, Temperature and Supply Monitor
701
Toff
Thermal Shutdown Threshold
127
138
150
EC
702
Thys
Thermal Shutdown Hysteresis
Thys= Toff-Ton
5
9
12
EC
703
VCCon
Turn-on Threshold VCC
3.6
3.9
4.4
V
704
VCCoff
Undervoltage Threshold at VCC
decreasing Supply VCC
3.4
3.8
4.3
V
705
VCChys
Hysteresis
VCChys= VCCon-VCCoff
40
100
250
mV
706
Vs(NER) Saturation Voltage lo at NER
I()= 1.6mA
-25
27
85
125
0.3
0.4
0.4
0.4
0.5
V
V
V
V
707
Isc(NER) Short-Circuit Current lo in NER
V()= 2V..VCC
27
5
8mA
mA
708
I0(NER)
Collector Off-State Current
in NER
NER: off, V()= 25V
27
0.1
10
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com