Electronic Components Datasheet Search
  English  ▼

X  

IC-OVCHIP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-OVCHIP
Description  5-BIT OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OVCHIP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-OVCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-OV
5-BIT OPTO ENCODER
Rev C0, Page 3/9
CHIP LAYOUT
dimensions in µm; chip size 3.6mm x 2.9mm
PAD DESCRIPTION
Name
Function
LED
LED Current Control Output
GND
Ground
C1
Track 1 Push-Pull Output
C2
Track 2 Push-Pull Output
C3
Track 3 Push-Pull Output
C4
Track 4 Push-Pull Output
C5
Track 5 Push-Pull Output
VCC
+5V Supply Voltage
TREF
Test Aid for photodiode DREF
TNRF
Test Aid for tracks 1 to 5 and compensation DDC
ISET
LED Current Control Setup
AGND
Reference Ground for ISET circuitry
NER
Error Message Output, low active
NINV
Track 1 Invert Mode Input, low active



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com