Electronic Components Datasheet Search
  English  ▼

X  

IC-OVCHIP Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OVCHIP
Description  5-BIT OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OVCHIP Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OVCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-OV
5-BIT OPTO ENCODER
Rev C0, Page 4/9
All voltages are referenced to ground unless otherwise noted.
All currents into the device pins are positive; all currents out of the device pins are negative.
ABSOLUTE MAXIMUM RATINGS
Values beyond which damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
G001 VCC
Supply Voltage
07
V
G002 V(C)
Voltage at Outputs C1..5
0
VCC
V
G003 I(C)
Current in Outputs C1..5
V(C)< 0V or V(C)> VCC
-3
3
mA
G004 I(TNRF)
Current in TNRF
-2
1
mA
G005 I(TREF)
Current in TREF
-2
1
mA
G006 I(ISET)
Current in ISET
-2
2
mA
G007 I(AGND)
Current in AGND
-5
5
mA
G008 I(LED)
Current in LED to GND
0
50
mA
G009 I(LED)
Current in LED
V(LED)> VCC
0
3
mA
G010 V(NER)
Voltage at NER
030
V
G011 I(NINV)
Current in NINV
-2
2
mA
TG1 Tj
Junction Temperature
-30
125
EC
TG2 Ts
Storage Temperature
see package specification
THERMAL DATA
Operating Conditions: VCC= 5V ±10%
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Typ.
Max.
T1
Ta
Operating Ambient Temperature
Range
see package specification



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com