Electronic Components Datasheet Search
  English  ▼

X  

IC-OVCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-OVCHIP
Description  5-BIT OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OVCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-OVCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OVCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5..25V
+5V
iC-OV
THERMAL
SHUTDOWN
LOW VOLTAGE
BIAS
ERROR
TRACK1
TRACK2
2
2
1
1
TRACK3
TRACK4
TRACK5
LED-CURRENT CONTROL
DREF
DDC
MONITOR
(see TRACK2)
(see TRACK2)
(see TRACK2)
1
c2
TEST
1
c2
100nF
CB
RSET
14k
LED
RNER
10k
RLED
47
VCC
GND
LED
C5
C4
C3
C2
C1
NER
NINV
TREF
AGND
ISET
8
1
7
6
5
4
3
13
2
10
9
14
11
12
TNRF
BLCC OVC3
IS
Vref
1.0
0.5
iC-OV
5-BIT OPTO ENCODER
FEATURES
APPLICATIONS
° High synchronism and technical reliability due to monolithic
construction plus integrated photodiodes
° Short track pitch (600 µm)
° Scanning with constant-light evaluation
° Photoelectric amplifier with high cut-off frequency
° Current comparators with hysteresis
° Current-limited TTL-compatible push-pull outputs
° Adjustable LED current control for constant receive power
° Integrated 40mA driver for the LED
° Integrated test aid
° Output of track 1 can be inverted to change the counting
direction during Gray Code scanning
° Overtemperature circuit-breaker with hysteresis
° Detection and fault message when the safe operating range
is exceeded, as the result of undervoltage, over-temperature
or an LED current outside the control range
° Low power consumption
° Scanning with constant-light
evaluation in absolute and
multiturn rotary encoders
CHIP
3.6mm × 2.9mm
BLOCK DIAGRAM
© 2000
Rev C0
iC-Haus GmbH
Tel
+49-6135-9292-0
Integrated Circuits
Fax +49-6135-9292-192
Am Kuemmerling 18, D-55294 Bodenheim
http://www.ichaus.com


Similar Part No. - IC-OVCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OCCDIP16 ICHAUS-IC-OCCDIP16 Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OCCHIP ICHAUS-IC-OCCHIP Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
More results

Similar Description - IC-OVCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
5-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
3-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
INCREMENTAL OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
16-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
5-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com