Electronic Components Datasheet Search
  English  ▼

X  

MX802 Datasheet(PDF) 11 Page - CML Microcircuits

Part # MX802
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button MX802 Datasheet HTML 7Page - CML Microcircuits MX802 Datasheet HTML 8Page - CML Microcircuits MX802 Datasheet HTML 9Page - CML Microcircuits MX802 Datasheet HTML 10Page - CML Microcircuits MX802 Datasheet HTML 11Page - CML Microcircuits MX802 Datasheet HTML 12Page - CML Microcircuits MX802 Datasheet HTML 13Page - CML Microcircuits MX802 Datasheet HTML 14Page - CML Microcircuits MX802 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DVSR CODEC
11
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.1.4.3
Write Data
4.1.4.3.1
66H WRITE DATA -- START PAGE “P”
This command sets the Data Write Counter to “P” page, and then writes data bytes to successive DRAM
locations, incrementing the Data Write Counter by 1 for each bit received via the C-BUS.
The Start Page, “P,” is indicated by loading a 2-byte word after the relevant Address/Command byte. This 16-
bit word allows data page addresses from 0 to 65535 (4Mbits DRAM).
4.1.4.3.2
68H WRITE DATA CONTINUE
This command writes data bytes to successive DRAM locations determined by the Data Write Counter,
incrementing the counter by 1 for each bit received over the C-BUS.
4.1.4.4
DRAM Speech Capacity
28-pin/lead versions of the MX802 may be used with a single 256kbit DRAM, or with up to 4 x 1Mbit of
DRAM. 24-pin/lead versions may only be used with a single 256kbit or 1Mbit DRAM. The different encode
and decode sampling clock rates available enable the user to set voice store and play times against
recovered speech quality. Table 4 gives information on storage capacity and Store/Playback times. Speech
data can be replayed at a different sample rate or in a reversed sequence (see Control Register for details).
DRAM Size
Available bits
Speech Pages
Nominal Sample Rates (kbps)
16
25
32
50
64
256kbps
262144
256
16.0
10.0
8.0
5.0
4.0
1024kbps
1048576
1024
65.0
42.0
32.0
20.0
16.0
2Mbps
2097152
2048
131.0
84.0
65.0
42.0
32.0
3Mbps
3145738
3072
196.0
126.0
98.0
63.0
49.0
4Mbps
4194304
4096
262.0
168.0
131.0
84.0
65.5
Table 4: Sampling Clock Rates vs. Speech Storage/Playback Times
4.1.4.5
Encoder and Decoder Sampling Clocks
Encoder and decoder sampling clock rates are programmable via the Control Register. Table 5 shows the
range of sampling rates available for different Xtal/clock input frequencies and the counter ratios used to
produce them. Consideration should be given to the effect of different Xtal/clock frequencies upon the audio
frequency performance of the device.
Control Register
Byte 0, Bits
Xtal Clock Frequency (MHz)
5
4
3
Dec.
Internal Counter
Division Ratio
4.0
4.032
4.096
210
Enc.
0
1
1
256
15.625
15.75
16.0
1
0
0
160
25.0
25.20
25.60
1
0
1
128
31.25
31.50
32.0
1
1
0
80
50.0
50.4
51.20
1
1
1
64
62.50
63.0
64.0
Table 5: Sampling Clock Rates Available
With respect to using a single Xtal/clock frequency for all DBS 800 devices in use, it should be noted that
a.
A 4.032MHz Xtal/clock input will produce an accurate 1200-baud rate for the MX809 MSK Modem.
b.
A 4.096MHz Xtal/clock input will generate exactly 16kbps, 32kbps and 64kbps Codec sampling clock
rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com