Electronic Components Datasheet Search
  English  ▼

X  

MX802 Datasheet(PDF) 20 Page - CML Microcircuits

Part # MX802
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button MX802 Datasheet HTML 16Page - CML Microcircuits MX802 Datasheet HTML 17Page - CML Microcircuits MX802 Datasheet HTML 18Page - CML Microcircuits MX802 Datasheet HTML 19Page - CML Microcircuits MX802 Datasheet HTML 20Page - CML Microcircuits MX802 Datasheet HTML 21Page - CML Microcircuits MX802 Datasheet HTML 22Page - CML Microcircuits MX802 Datasheet HTML 23Page - CML Microcircuits MX802 Datasheet HTML 24Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DVSR CODEC
20
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3
Operating Characteristics
For the following conditions unless otherwise specified.
VDD = 5.0V @ TAMB = 25C
Xtal/Clock Frequency = 4.0MHz, Audio Level 0dB ref. = 308mVRMS
Standard test signal f0 = 820Hz, Sample Rate 31.25kbps
Static Values
Notes
Min.
Typ.
Max.
Units
Supply Current
IDD (enabled)
1
7.0
10.0
mA
IDD (powersave)
1
2.0
4.0
mA
Digital Interface
Input Logic Level
Logic 1 Input Level
2
3.5
V
Logic 0 Input Level
2
1.5
V
Output Logic Level
Output Logic 1 (IOH = 120A)
(IOH = -120A)
7
4.6
V
(IOH = -50A)
3
4.6
V
(IOH = 20A)
9
4.6
V
Output Logic 0
(IOL = 20A)
9
0.4
V
(IOL = 100A)
3
0.4
V
(IOL = 360A)
7, 8
0.4
V
Digital Input Current
VIN = Logic 1 or 0
2
1.0
A
Leakage Current into IRQ ‘OFF’ Output
44.0
A
Digital Input Capacitance
2
7.5
pF
Analog Impedance
Input Impedance
12
500
K

Output Impedance
1.5
k

Dynamic Values
Encoder
Analog signal Input Levels
5
-24.0
4.0
dB
Passband
10, 11
3400
Hz
Decoder
Analog Signal Output Levels
5
-24.0
4.0
dB
Passband
10, 11
300
3400
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com