Electronic Components Datasheet Search
  English  ▼

X  

MX802 Datasheet(PDF) 16 Page - CML Microcircuits

Part # MX802
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button MX802 Datasheet HTML 12Page - CML Microcircuits MX802 Datasheet HTML 13Page - CML Microcircuits MX802 Datasheet HTML 14Page - CML Microcircuits MX802 Datasheet HTML 15Page - CML Microcircuits MX802 Datasheet HTML 16Page - CML Microcircuits MX802 Datasheet HTML 17Page - CML Microcircuits MX802 Datasheet HTML 18Page - CML Microcircuits MX802 Datasheet HTML 19Page - CML Microcircuits MX802 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DVSR CODEC
16
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Reading
Function
MSB
Bit 7
Power Reading
1
Ready
Bit 6
Store Command
1
Complete
Bit 5
Play Command
1
Complete
Power Register
43210
Power
Compand Bits/pg.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
-39.0dB
-36.0
33.5
-30.0
-28.0
-25.0
-22.0
-19.0
-16.0
-10.0
-6.0
0db
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
22
24
32
40
48
56
64
72
80
88
128
192
256
320
384
448
512
Table 8: Status Register
30
20
10
0
-50
-40
-30
-20
-10
5
0dB
308 mVrms
Average Input Power Level (dB)
Input Frequency = 1.0 kHz
Sample Clock Rate = 32 kb/s
0 dB ref. = 308 mVrms
Figure 4: Typical Power Readings vs. Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com