Electronic Components Datasheet Search
  English  ▼

X  

AP7312 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7312
Description  DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7312 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7312 Datasheet HTML 1Page - Diodes Incorporated AP7312 Datasheet HTML 2Page - Diodes Incorporated AP7312 Datasheet HTML 3Page - Diodes Incorporated AP7312 Datasheet HTML 4Page - Diodes Incorporated AP7312 Datasheet HTML 5Page - Diodes Incorporated AP7312 Datasheet HTML 6Page - Diodes Incorporated AP7312 Datasheet HTML 7Page - Diodes Incorporated AP7312 Datasheet HTML 8Page - Diodes Incorporated AP7312 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP7312
DUAL 150mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312
Document number: DS35133 Rev. 1 - 2
5 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, V
IN = VOUT +1V, CIN = 1uF, COUT = 1uF, VEN = VIN, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VREF
ADJ Reference Voltage
(Adjustable version)
IOUT= 0mA
0.8
V
IADJ
ADJ Leakage (Adjustable version)
0.1
1
μA
VOUT
Output Voltage Accuracy
TA = -40
oC to 85oC,
IOUT = 10% of IOUT-Max
-2
2
%
ΔV
OUT /ΔVIN/V Line Regulation
VIN = (VOUT +1V) to VIN-Max,
VEN = VIN, IOUT = 1mA
0.01
0.20
%/V
ΔV
OUT /VOUT
Load Regulation
VIN = (VOUT +1V) to VIN-Max,
IOUT = 1mA to 150mA
-0.6
0.6
%
VDropout
Dropout Voltage (Note 4)
VOUT < 2.5V, IOUT = 150mA
200
300
mV
VOUT ≥ 2.5V, IOUT = 150mA
150
200
IQ
Input Quiescent Current (2 channels)
VEN = VIN, IOUT = 0mA
60
80
μA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0mA
0.1
1
μA
ILEAK
Input Leakage Current
VEN = 0V, OUT grounded
0.1
1
μA
tST
Start-up Time
VEN = 0V to 2.0V in 1μs,
IOUT = 150mA
150
μs
PSRR
PSRR (Note 5)
VIN = [VOUT +1V]VDC + 0.5VppAC, f =
1kHz, IOUT = 50mA
60
65
dB
ISHORT
Short-circuit Current
VIN = VIN-Min to VIN-Max,
VOUT = 1/4 target VOUT
60
mA
ILIMIT
Current limit
VIN = VIN-Min to VIN-Max,
VOUT/ROUT = 0.6A
200
300
mA
VIL
EN Input Logic Low Voltage
VIN = VIN-Min to VIN-Max
0.4
V
VIH
EN Input Logic High Voltage
VIN = VIN-Min to VIN-Max
1.4
V
IEN
EN Input Current
VIN = 0V or VIN-Max
-1
1
μA
TSHDN
Thermal shutdown threshold
165
°C
THYS
Thermal shutdown hysteresis
30
°C
θJA
Thermal Resistance Junction-to-Ambient
SOT26 (Note 6)
140
oC/W
DFN2018-6 (Note 7)
60
Notes:
4. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
5. This specification is guaranteed by design.
6. Test condition for SOT26: Device mounted on FR-4 substrate PC board, with minimum recommended pad layout
7. Test condition for DFN2018-6: Device mounted on FR-4 2-layer board,2oz copper, with minimum recommended pad on top layer and 3 vias to
bottom layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com