Electronic Components Datasheet Search
  English  ▼

X  

AP7312 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7312
Description  DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7312 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7312 Datasheet HTML 2Page - Diodes Incorporated AP7312 Datasheet HTML 3Page - Diodes Incorporated AP7312 Datasheet HTML 4Page - Diodes Incorporated AP7312 Datasheet HTML 5Page - Diodes Incorporated AP7312 Datasheet HTML 6Page - Diodes Incorporated AP7312 Datasheet HTML 7Page - Diodes Incorporated AP7312 Datasheet HTML 8Page - Diodes Incorporated AP7312 Datasheet HTML 9Page - Diodes Incorporated AP7312 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP7312
DUAL 150mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312
Document number: DS35133 Rev. 1 - 2
6 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Typical Performance Characteristics
Start-Up Time
Time (40
μs/div)
Start-Up Time
Time (40
μs/div)
Line Transient Response
Time (100
μs/div)
Line Transient Response
Time (100
μs/div)
VIN=5V, No load
CIN=COUT1=COUT2=1μF
VIN=5V, Both ILOAD=150mA
CIN=COUT1=COUT2=1μF
VOUT2=2.8V (1V/div)
VOUT1=1.8V (1V/div)
VOUT1=1.8V (1V/div)
VOUT2=2.8V (1V/div)
VIN=3.8V to 4.8V (1V/div)
COUT1=COUT2=1μF, Tr=Tf=2μs, Both ILOAD=15mA
VIN=3.8V to 4.8V (1V/div)
COUT1=COUT2=1μF, Tr=Tf=2μs, Both ILOAD=100mA
VOUT1=1.8V (10mV/div)
VOUT1=1.8V (10mV/div)
VOUT2=2.8V (10mV/div)
VOUT2=2.8V (10mV/div)
VEN=0V to 2V (2V/div)
VEN=0V to 2V (2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com